Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1573CS Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1573CS
Description  5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1573CS Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1573CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AIC1573
2
n APPLICATION CIRCUIT
+
+
+
+
+
+
UGATE1
UGATE2
PHASE1
PHASE2
LGATE1
PGND
VSEN2
FB1
SELECT
NC
VAUX
VSEN1
DRIVE3
VID0
VSEN3
VID1
VID2
VID3
VID4
PGOOD
DRIVE4
FAULT/RT
VESN4
SS
7
µH
3
µH
4.7
µF
8
13
7
6
5
4
3
1nF
1nF
C7
C5
1000
µF*3
1000
µF*7
20
0.22µF
C6
680K
10K
R2
R1
10V
680µF*7
CIN
R3
L1
VOUT1
21
L3
22
COUT1
OCSET1
23
24
25
26
27
GND
+5VIN
1µH
Q2
Q1
9
3.3V or 1.5V
VOUT2
Q5
Q4
Q3
COUT3
COUT4
COUT2
14
Css
GND
1.8V
VOUT4
15
11
16
VOUT3
19
18
1.5V
+3.3VIN
28
1
+12V IN
OCSET2
L2
10
2
VCC
17
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com