Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1573CS Datasheet(PDF) 13 Page - Analog Intergrations Corporation

Part # AIC1573CS
Description  5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1573CS Datasheet(HTML) 13 Page - Analog Intergrations Corporation

Back Button AIC1573CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 10Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 11Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 12Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 13Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 14Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 15Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 16Page - Analog Intergrations Corporation AIC1573CS Datasheet HTML 17Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AIC1573
13
Each linear output initially follows a ramp. When
each output reaches sufficient voltage the input ref-
erence clamp slows the rate of output voltage rise.
The PGOOD signal toggles ‘high’ when all output
voltage levels have exceeded their under-voltage
levels.
Fault Protection
All four outputs are monitored and protected
against extreme overload. A sustained overload on
any output or over-voltage on PWM1 output dis-
ables all outputs and drive the FAULT/RT pin to
VCC.
+
+
0.15V
OV
Over Current
Latch
4.0V
SS
OC1
R
LUV
Q
S
Fault
VCC
Fault Latch
POR
Q
R
S
R
S
Counter
INHIBIT
OC2
Fig. 17 Simplified Schematic of Fault Logic
A simplified schematic is shown in figure 17. An
over-voltage detected on VSEN1 immediately sets
the fault latch. A sequence of three over-current
fault signals also sets the fault latch. The over-
current latch is set dependent on the status of the
over-current (OC1 and OC2), linear under-voltage
(LUV) and the soft-start signal. An under-voltage
event on either linear output (VSEN3, VSEN4) is
ignored until the soft-start interval. Cycling the bias
input voltage (+12V off then on) resets the counter
and the fault latch.
Gate Drive Overlap Protection
The Overlap Protection circuit ensures that the Bot-
tom MOSFET does not turn on until the Upper
MOSFET source has reached a voltage low enough
to ensure that shoot-through will not occur.
Over-Voltage Protection
During operation, a short on the upper PWM1
MOSFET (Q1) causes VOUT1 to increase. When
the output exceed the over-voltage threshold of
116% of DACOUT, the FAULT pin is set to fault
latch and turns Q2 on as required in order to regu-
late VOUT1 to 116% of DACOUT. The fault latch
raises the FAULT/RT pin close to VCC potential.
A separate over-voltage circuit provides protection
during the initial application of power. For voltage on
VCC pin below the power-on reset (and above ~4V),
Should VSEN1 exceed 1.0V, the lower MOSFET
(Q2) is driven on as needed to regulate VOUT1 to
1.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com