Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3202 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL3202
Description  Li Battery Charger with Thermal Regulation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3202 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL3202 Datasheet HTML 1Page - Anpec Electronics Coropration APL3202 Datasheet HTML 2Page - Anpec Electronics Coropration APL3202 Datasheet HTML 3Page - Anpec Electronics Coropration APL3202 Datasheet HTML 4Page - Anpec Electronics Coropration APL3202 Datasheet HTML 5Page - Anpec Electronics Coropration APL3202 Datasheet HTML 6Page - Anpec Electronics Coropration APL3202 Datasheet HTML 7Page - Anpec Electronics Coropration APL3202 Datasheet HTML 8Page - Anpec Electronics Coropration APL3202 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Mar., 2012
APL3202
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
VIN
VIN to GND
-0.3 to 7
V
VSET, VSTAT, VBATT
ISET, STAT, BATT to GND
-0.3 to 7
V
ICHG
Charge Current
0.8
A
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65 to 150
°C
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Absolute Maximum Ratings (Note 1)
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction to Ambient Resistance
(Note 2)
SOT-23-5
125
°C/W
Recommended Operating Conditions (Note 3)
Symbol
Parameter
Range
Unit
VIN
VIN to GND
4.35 to 6.5
V
ICHG
Charge Current
0.1 to 0.5
A
TJ
Junction Temperature
-40 to 125
°C
TA
Ambient Temperature
-40 to 85
°C
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Note 3 : Refer to the typical application circuit.
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APL3202
Package Code
B : SOT-23-5
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Handling Code
Temperature Range
Package Code
APL3202 B:
302X
X - Date Code
Assembly Material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com