Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3202 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL3202
Description  Li Battery Charger with Thermal Regulation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3202 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL3202 Datasheet HTML 2Page - Anpec Electronics Coropration APL3202 Datasheet HTML 3Page - Anpec Electronics Coropration APL3202 Datasheet HTML 4Page - Anpec Electronics Coropration APL3202 Datasheet HTML 5Page - Anpec Electronics Coropration APL3202 Datasheet HTML 6Page - Anpec Electronics Coropration APL3202 Datasheet HTML 7Page - Anpec Electronics Coropration APL3202 Datasheet HTML 8Page - Anpec Electronics Coropration APL3202 Datasheet HTML 9Page - Anpec Electronics Coropration APL3202 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Mar., 2012
APL3202
www.anpec.com.tw
6
Typical Operating Characteristics (Cont.)
BATT Charge Termination Voltage
vs. VIN Supply Voltage
STAT Pin I-V Curve
STAT Pin Current vs. Junction
Temperature
Pre-charge Current vs. Junction
Temperature
Pre-charge Threshold Voltage vs.
Junction Temperature
Pre-charge Current vs. VIN Supply
Voltage
Refer to the typical application circuit, V
IN=5V, TA= 25°C
, unless otherwise specified.
VIN Supply Voltage (V)
R
SET = 10K
4.1
4.12
4.14
4.16
4.18
4.2
4
4.5
5
5.5
6
6.5
7
STAT Pin Voltage (V)
V
IN = 5V
V
BATT = 4V
0
1
2
3
4
5
0
5
10
15
20
25
30
Junction Temperature (oC)
V
IN = 5V
V
BATT = 4V
V
STAT = 1V
-50
-25
0
25
50
75
100
0
4
8
12
16
20
Junction Temperature (oC)
V
IN = 5V
V
BATT = 2.5V
R
SET = 2K
R
SET = 10K
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
VIN Supply Voltage (V)
V
BATT = 2.5V
R
SET= 2K
R
SET = 10K
0
10
20
30
40
50
60
70
4
4.5
5
5.5
6
6.5
7
Junction Temperature (oC)
V
IN = 5V
R
SET= 10K
-50
-25
0
25
50
75
100
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com