Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600-IPT Datasheet(PDF) 81 Page - Microchip Technology

Part # ENC424J600-IPT
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600-IPT Datasheet(HTML) 81 Page - Microchip Technology

Back Button ENC424J600-IPT Datasheet HTML 77Page - Microchip Technology ENC424J600-IPT Datasheet HTML 78Page - Microchip Technology ENC424J600-IPT Datasheet HTML 79Page - Microchip Technology ENC424J600-IPT Datasheet HTML 80Page - Microchip Technology ENC424J600-IPT Datasheet HTML 81Page - Microchip Technology ENC424J600-IPT Datasheet HTML 82Page - Microchip Technology ENC424J600-IPT Datasheet HTML 83Page - Microchip Technology ENC424J600-IPT Datasheet HTML 84Page - Microchip Technology ENC424J600-IPT Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 168 page
background image
 2010 Microchip Technology Inc.
DS39935C-page 79
ENC424J600/624J600
REGISTER 8-2:
EIDLED: ETHERNET ID STATUS/LED CONTROL REGISTER
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
LACFG3
LACFG2
LACFG1
LACFG0
LBCFG3
LBCFG2
LBCFG1
LBCFG0
bit 15
bit 8
R-0
R-0
R-1
R
RRRR
DEVID2
DEVID1
DEVID0
REVID4
REVID3
REVID2
REVID1
REVID0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-12,
bit 11-8
LACFG<3:0>:
LEDA Configuration bits and
LBCFG<3:0:
LEDB Configuration bits
1111
= Display link and speed state, transmit and receive events(1)
1110
= Display link and duplex state, transmit and receive events(1)
1101
= Reserved
1100
= Display link state, collision events; pin is driven high when a link is present and driven low
temporarily when a collision occurs
1011
= Display link state, transmit and receive events; pin is driven high when a link is present and
driven low while a packet is being received or transmitted
1010
= Display link state, receive events; pin is driven high when a link is present and driven low while
a packet is being received
1001
= Display link state, transmit events; pin is driven high when a link is present and driven low while
a packet is being transmitted
1000
= Display speed state; pin is driven high when in 100 Mbps mode and a link is present
0111
= Display duplex state; pin is driven high when the PHY is in full duplex (PHYDPX (ESTAT<10>)
is ‘1’) and a link is present
0110
= Display transmit and receive events; pin is driven high while a packet is either being received
or transmitted
0101
= Display receive events; pin is driven high while a packet is being received
0100
= Display transmit events; pin is driven high while a packet is being transmitted
0011
= Display collision events; pin is temporarily driven high when a collision occurs
0010
= Display link state; pin is driven high when linked
0001
= On (pin is driven high)
0000
= Off (pin is driven low)
bit 7-5
DEVID<2:0>:
Device ID bits
001
= ENC624J600 family device
bit 4-0
REVID<4:0>:
Silicon Revision ID bits
Indicates current silicon revision.
Note 1:
These configurations require that a bi-color LED be connected between the LEDA and LEDB pins, and
that LACFG<3:0> and LBCFG<3:0> be set to the same value. See Section 2.5.1 “Using Bi-Color
LEDs”
for detailed information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com