Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600-IPT Datasheet(PDF) 13 Page - Microchip Technology

Part # ENC424J600-IPT
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600-IPT Datasheet(HTML) 13 Page - Microchip Technology

Back Button ENC424J600-IPT Datasheet HTML 9Page - Microchip Technology ENC424J600-IPT Datasheet HTML 10Page - Microchip Technology ENC424J600-IPT Datasheet HTML 11Page - Microchip Technology ENC424J600-IPT Datasheet HTML 12Page - Microchip Technology ENC424J600-IPT Datasheet HTML 13Page - Microchip Technology ENC424J600-IPT Datasheet HTML 14Page - Microchip Technology ENC424J600-IPT Datasheet HTML 15Page - Microchip Technology ENC424J600-IPT Datasheet HTML 16Page - Microchip Technology ENC424J600-IPT Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 168 page
background image
 2010 Microchip Technology Inc.
DS39935C-page 11
ENC424J600/624J600
2.4
Ethernet Signal Pins and External
Magnetics
Typical applications for ENC424J600/624J600 devices
require an Ethernet transformer module, and a few
resistors and capacitors to implement a complete
IEEE 802.3 compliant 10/100 Ethernet interface, as
shown in Figure 2-5.
The Ethernet transmit interface consists of two pins:
TPOUT+ and TPOUT-. These pins implement a
differential pair and a current-mode transmitter. To
generate an Ethernet waveform, ordinary applications
require the use of a 1:1 center tapped pulse
transformer, rated for 10/100 or 10/100/1000 Ethernet
operations. When the Ethernet module is enabled and
linked with a partner, current is continually sunk
through both TPOUT pins. When the PHY is actively
transmitting, a differential voltage is created on the
Ethernet cable by varying the relative current sunk by
TPOUT+ compared to TPOUT-.
The Ethernet receive interface similarly consists of a
differential pair: TPIN+ and TPIN-. To meet IEEE 802.3
compliance and help protect against electrostatic dis-
charge, these pins are normally isolated from the
Ethernet cable by a 1:1 center tapped transformer
(available in the same package as the TX transformer).
Internally, the PHY uses a high-speed ADC to sample
the receive waveform and decodes it using a DSP. The
PHY implements many robustness features, including
baseline wander correction (applicable to 100Base-TX)
and automatic RX polarity correction (applicable to
10Base-T).
Four 49.9Ω, 1% resistors are required for proper
termination of the TX and RX transmission lines. If the
board layout necessitates long traces between the
ENCX24J600 and Ethernet transformers, the termina-
tion resistors should be placed next to the silicon
instead of the transformers.
On the receive signal path, two 6.8 nF 10% capacitors
are used. These capacitors, in combination with the
49.9
 termination resistors, form an RC high-pass filter
to reduce baseline wander. For best performance,
these capacitors should not be omitted or changed.
The various remaining capacitors provide DC current
blocking and provide stability to the common-mode
voltage of both of the differential pairs. The TPIN+/-
pins weakly output a common-mode voltage that is
acceptable to the internal ADC. For proper operation,
do not attempt to externally force the TPIN+/-
common-mode voltage to some other value.
The 10Ω 1% resistor provides a current path from the
power supply to the center tap of the TX transformer.
As
mentioned
previously,
the
TPOUT+/-
pins
implement a Current mode drive topology in which the
pins are only capable of sinking current; they do not
produce a direct voltage. This current path through the
transformer generates the transmit waveform. The 10Ω
resistor reduces the amount of heat that the PHY would
have to dissipate, and therefore, must have a power
rating of 1/12W or better.
FIGURE 2-5:
TYPICAL ETHERNET MAGNETICS CONNECTIONS
ENCX24J600
TPOUT
+
TPOUT
-
TPIN
+
TPIN
-
3.3V
1
2
3
4
5
6
7
8
RJ-45
1:1 CT
1:1 CT
1000 pF, 2 kV
75
 75
75
 75
49.9
, 1%
49.9
, 1%
49.9
, 1%
49.9
, 1%
0.01
F
0.01
F
1
6.8 nF, 10%
6.8 nF, 10%
10
, 1/12W, 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com