Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF02HSZ Datasheet(PDF) 16 Page - Analog Devices

Part # REF02HSZ
Description  Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02HSZ Datasheet(HTML) 16 Page - Analog Devices

Back Button REF02HSZ Datasheet HTML 12Page - Analog Devices REF02HSZ Datasheet HTML 13Page - Analog Devices REF02HSZ Datasheet HTML 14Page - Analog Devices REF02HSZ Datasheet HTML 15Page - Analog Devices REF02HSZ Datasheet HTML 16Page - Analog Devices REF02HSZ Datasheet HTML 17Page - Analog Devices REF02HSZ Datasheet HTML 18Page - Analog Devices REF02HSZ Datasheet HTML 19Page - Analog Devices REF02HSZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
REF01/REF02/REF03
Rev. K | Page 16 of 20
APPLICATIONS INFORMATION
BASIC REFERENCE APPLICATION
Figure 38 shows the basic configuration for any REF0x device.
Input and output capacitance values can be tailored for
performance, provided they follow the guidelines described
in the Input and Output Capacitors section.
U1
REF01/
REF02/
REF03
VO
C2
0.1µF
C1
0.1µF
VIN
VIN
VOUT
TEMP TRIM
GND
Figure 38. Basic Reference Application
LOW COST CURRENT SOURCE
Unlike most references, the quiescent current of the REF0x
series remains constant with respect to the load current (refer to
Figure 22)
. As a result, a simple, low cost current source can be
constructed by configuring the reference as shown in Figure 39.
REF01/
REF02/
REF03
VOUT
GND
VIN
IIN
ISET = (VOUT – VL)/RSET
RSET
IQ ≈ 0.6mA
IL = ISET + IQ
VL
RL
Figure 39. Simple Current Source
In this configuration, the current through the resistor RSET (ISET)
is equal to (VOUT − VL)/RSET. IL is simply the sum of ISET and IQ.
However, since IQ typically varies from 0.55 mA to 0.65 mA,
this circuit should be limited to low precision, general-purpose
applications.
PRECISION CURRENT SOURCE WITH ADJUSTABLE
OUTPUT
A higher-precision current source can be implemented with the
circuit shown in Figure 40.
U2
+12V
–12V
W
B
A
U1
REF02
VIN
VOUT
TEMP TRIM
GND
V–
V+
OP1177
–5V TO VL
AD5201
0V TO (5V + VL)
+12V
RSET
1k
Ω
RL
IL
VL
1k
Ω
100k
Ω
Figure 40. Programmable 0 mA to 5 mA Current Source
By adding a mechanical or digital potentiometer, this circuit
becomes an adjustable current source. If a digital potentiometer
is used, the load current is simply the voltage across terminal B
to terminal W of the digital potentiometer divided by the value
of the resistor RSET.
[]
A
SET
REF
L
R
D
V
I
×
=
where
D is the decimal equivalent of the digital potentiometer
input code.
A dual-supply op amp should be used since the ground
potential of REF02 can swing from −5.0 V to VL while the
potentiometer is swung from zero-scale to full-scale.
PRECISION BOOSTED OUTPUT REGULATOR
The output current sourcing capability of the REF0x series can
be boosted by using an external op amp and MOSFET, as shown
in Figure 41.
U2
15V
N1
200
Ω
U1
REF01/
REF02/
REF03
VIN
VOUT
TEMP TRIM
GND
V–
V+
OP1177
2N7002
VIN
VO
RL
1µF
CL
C1
1000pF
R2
100
Ω
R1
100
Ω
Figure 41. Precision Boosted Output Regulator
In this circuit, U2 forces VO to VREF by regulating the current
through N1, thereby sourcing the load current directly from the
input voltage source connected at VIN. Using the components
shown, this circuit can source up to 50 mA with an input volt-
age of 15.0 V. The circuit’s current sourcing capability can be
further increased by replacing N1 with a higher-power MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com