Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF02HSZ Datasheet(PDF) 17 Page - Analog Devices

Part # REF02HSZ
Description  Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02HSZ Datasheet(HTML) 17 Page - Analog Devices

Back Button REF02HSZ Datasheet HTML 12Page - Analog Devices REF02HSZ Datasheet HTML 13Page - Analog Devices REF02HSZ Datasheet HTML 14Page - Analog Devices REF02HSZ Datasheet HTML 15Page - Analog Devices REF02HSZ Datasheet HTML 16Page - Analog Devices REF02HSZ Datasheet HTML 17Page - Analog Devices REF02HSZ Datasheet HTML 18Page - Analog Devices REF02HSZ Datasheet HTML 19Page - Analog Devices REF02HSZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REF01/REF02/REF03
Rev. K | Page 17 of 20
BIPOLAR VOLTAGE REFERENCE
Many applications require both a positive and reference voltage
of the same magnitude. A simple method of generating such a
bipolar reference is shown in Figure 42.
REF03
VIN
GND
V+
V–
2
3
4
6
7
2
U1
U2
4
6
VOUT
OP97
100k
Ω
–2.5V
+2.5V
100k
Ω
Figure 42. Bipolar Voltage Reference
In this configuration, the negative rail is generated simply
with an inverting amplifier with a gain of −1. A low offset
op amp should be used to minimize the voltage error at the
negative output.
ADJUSTABLE REFERENCE WITH POSITIVE AND
NEGATIVE SWING
The output voltage of the REF0x references can be readily
adjusted via a simple trim circuit (explained in the Output
Adjustment section). The circuit shown in Figure 43 extends
the negative range of adjustment beyond that obtainable with
the simple trim circuit by employing a precision op amp with
a potentiometer feeding the op amp’s noninverting input.
REF03
VIN
GND
V+
V+
2
3
4
6
7
+15V
50k
Ω
2
U1
U2
4
6
VOUT
OP97
50k
Ω
50k
Ω
VOUT
–2.5V TO +2.5V
Figure 43. Negatively Adjustable Reference
The voltage output from the op amp can be adjusted by
changing the value of the potentiometer: as shown, the op
amp outputs +2.5 V when the pot is pulled completely high,
and −2.5V when pulled completely low. In this configuration,
the load current is sourced by the op amp; therefore, a low
offset op amp with a current rating that meets or exceeds the
current requirements of the load should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com