Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18F8680 Datasheet(PDF) 280 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 280 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 276Page - Microchip Technology 18F8680 Datasheet HTML 277Page - Microchip Technology 18F8680 Datasheet HTML 278Page - Microchip Technology 18F8680 Datasheet HTML 279Page - Microchip Technology 18F8680 Datasheet HTML 280Page - Microchip Technology 18F8680 Datasheet HTML 281Page - Microchip Technology 18F8680 Datasheet HTML 282Page - Microchip Technology 18F8680 Datasheet HTML 283Page - Microchip Technology 18F8680 Datasheet HTML 284Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 278
 2004 Microchip Technology Inc.
REGISTER 23-1:
CANCON: CAN CONTROL REGISTER
Mode 0
R/W-1
R/W-0
R/W-0
R/S-0
R/W-0
R/W-0
R/W-0
U-0
REQOP2
REQOP1
REQOP0
ABAT
WIN2
WIN1
WIN0
—
Mode 1
R/W-1
R/W-0
R/W-0
R/S-0
U-0
U-0
U-0
U-0
REQOP2
REQOP1
REQOP0
ABAT
—
—
—
—
Mode 2
R/W-1
R/W-0
R/W-0
R/S-0
R-0
R-0
R-0
R-0
REQOP2
REQOP1
REQOP0
ABAT
FP3
FP2
FP1
FP0
bit 7
bit 0
bit 7-5
REQOP2:REQOP0: Request CAN Operation Mode bits
1xx
= Request Configuration mode
011
= Request Listen Only mode
010
= Request Loopback mode
001
= Request Disable mode
000
= Request Normal mode
bit 4
ABAT: Abort All Pending Transmissions bit
1
= Abort all pending transmissions (in all transmit buffers)
0
= Transmissions proceeding as normal
bit 3-1
Mode 0:
WIN2:WIN0: Window Address bits
This selects which of the CAN buffers to switch into the access bank area. This allows access
to the buffer registers from any data memory bank. After a frame has caused an interrupt, the
ICODE2:ICODE0 bits can be copied to the WIN2:WIN0 bits to select the correct buffer. See
Example 23-2 for a code example.
111
= Receive Buffer 0
110
= Receive Buffer 0
101
= Receive Buffer 1
100
= Transmit Buffer 0
011
= Transmit Buffer 1
010
= Transmit Buffer 2
001
= Receive Buffer 0
000
= Receive Buffer 0
bit 0
Unimplemented: Read as ‘0’
bit 3-0
Mode 1:
Unimplemented: Read as ‘0’
Mode 2:
FP3:FP0: FIFO Read Pointer bits
These bits point to the message buffer to be read.
0111:0000
= Message buffer to be read
1111:1000
= Reserved
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com