Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18F8680 Datasheet(PDF) 282 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 282 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 278Page - Microchip Technology 18F8680 Datasheet HTML 279Page - Microchip Technology 18F8680 Datasheet HTML 280Page - Microchip Technology 18F8680 Datasheet HTML 281Page - Microchip Technology 18F8680 Datasheet HTML 282Page - Microchip Technology 18F8680 Datasheet HTML 283Page - Microchip Technology 18F8680 Datasheet HTML 284Page - Microchip Technology 18F8680 Datasheet HTML 285Page - Microchip Technology 18F8680 Datasheet HTML 286Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 280
 2004 Microchip Technology Inc.
REGISTER 23-2:
CANSTAT: CAN STATUS REGISTER (CONTINUED)
bit 4-0
Mode 1,2:
EICODE4:EICODE0: Interrupt Code bits in Mode 1 and Mode 2
When an interrupt occurs, a prioritized coded interrupt value will be present in these bits. This
code indicates the source of the interrupt. Unlike ICODE bits in Mode 0, these bits may not be
copied directly to EWIN bits to map interrupted buffer to Access Bank area. If required, user
software may maintain a table in program memory to map EICODE bits to EWIN bits and access
interrupt buffer in Access Bank area.
Note 1: To achieve maximum power saving and/or able to wake-up on CAN bus activity,
switch CAN module to Disable mode before putting the device to Sleep.
2: In Mode 2, if the buffer is configured as a receiver, EICODE bits will always contain
‘10000’ upon interrupt.
Legend:
U = Unimplemented bit, read as ‘0’
- n = Value at POR
C = Clearable bit
R = Readable bit
W = Writable bit
x = Bit is unknown
‘1’ = Bit is set
‘0’ = Bit is cleared
EICODE4:EICODE0 Value
No interrupt
00000
Error interrupt
00010
TXB2 interrupt
00100
TXB1 interrupt
00110
TXB0 interrupt
01000
RXB1 interrupt
10001/10000(2)
RXB0 interrupt
10000
Wake-up interrupt
01110
RX/TX B0 interrupt
10010(2)
RX/TX B1 interrupt
10011(2)
RX/TX B2 interrupt
10100(2)
RX/TX B3 interrupt
10101(2)
RX/TX B4 interrupt
10110(2)
RX/TX B4 interrupt
10111(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com