Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18F8680 Datasheet(PDF) 281 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 281 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 277Page - Microchip Technology 18F8680 Datasheet HTML 278Page - Microchip Technology 18F8680 Datasheet HTML 279Page - Microchip Technology 18F8680 Datasheet HTML 280Page - Microchip Technology 18F8680 Datasheet HTML 281Page - Microchip Technology 18F8680 Datasheet HTML 282Page - Microchip Technology 18F8680 Datasheet HTML 283Page - Microchip Technology 18F8680 Datasheet HTML 284Page - Microchip Technology 18F8680 Datasheet HTML 285Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 496 page
background image
 2004 Microchip Technology Inc.
DS30491C-page 279
PIC18F6585/8585/6680/8680
REGISTER 23-2:
CANSTAT: CAN STATUS REGISTER
Mode 0
R-1
R-0
R-0
R-0
R-0
R-0
R-0
U-0
OPMODE2(1) OPMODE1(1) OPMODE0(1)
—
ICODE2
ICODE1
ICODE0
—
Mode 1, 2
R-1
R-0
R-0
R-0
R-0
R-0
R-0
R-0
OPMODE2(1) OPMODE1(1) OPMODE0(1) EICODE4 EICODE3 EICODE2 EICODE1 EICODE0
bit 7
bit 0
bit 7-5
OPMODE2:OPMODE0: Operation Mode Status bits(1)
111
= Reserved
110
= Reserved
101
= Reserved
100
= Configuration mode
011
= Listen Only mode
010
= Loopback mode
001
= Disable/Sleep mode
000
= Normal mode
bit 4
Mode 0:
Unimplemented: Read as ‘0’
bit 3-1
ICODE2:ICODE0: Interrupt Code bits in Mode 0
When an interrupt occurs, a prioritized coded interrupt value will be present in these bits. This
code indicates the source of the interrupt. By copying ICODE2:ICODE0 to WIN2:WIN0, it is pos-
sible to select the correct buffer to map into the Access Bank area. See Example 23-2 for a code
example.
bit 0
Unimplemented: Read as ‘0’
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
ICODE2:ICODE0 Value
No interrupt
000
Error interrupt
001
TXB2 interrupt
010
TXB1 interrupt
011
TXB0 interrupt
100
RXB1 interrupt
101
RXB0 interrupt
110
Wake-up interrupt
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com