Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD835ARZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD835ARZ
Description  250 MHz, Voltage Output,4-Quadrant Multiplier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD835ARZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD835ARZ Datasheet HTML 3Page - Analog Devices AD835ARZ Datasheet HTML 4Page - Analog Devices AD835ARZ Datasheet HTML 5Page - Analog Devices AD835ARZ Datasheet HTML 6Page - Analog Devices AD835ARZ Datasheet HTML 7Page - Analog Devices AD835ARZ Datasheet HTML 8Page - Analog Devices AD835ARZ Datasheet HTML 9Page - Analog Devices AD835ARZ Datasheet HTML 10Page - Analog Devices AD835ARZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD835
Rev. D | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0.4
0
DG DP (NTSC)
FIELD = 1 LINE = 18
Wfm
→ FCC
COMPOSITE
MIN = 0
MAX = 0.2
p-p/MAX = 0.2
1ST
2ND
3RD
4TH
5TH
6TH
0.06
0.11
0.16
0.19
0.20
0
1ST
2ND
3RD
4TH
5TH
6TH
0.02
0.02
0.03
0.03
0.06
0.2
0
–0.2
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
MIN = 0
MAX = 0.06
p-p = 0.06
Figure 3. Typical Composite Output Differential Gain and Phase,
NTSC for X Channel; f = 3.58 MHz, RL = 150 Ω
DG DP (NTSC)
FIELD = 1 LINE = 18
Wfm
→ FCC
COMPOSITE
0.20
0
MIN = 0
MAX = 0.16
p-p = 0.16
1ST
2ND
3RD
4TH
5TH
6TH
0.03
0.04
0.07
0.10
0.16
0.10
0
–0.10
–0.20
0
1ST
2ND
3RD
4TH
5TH
6TH
0.01
0
0
–0.01
–0.20
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
MIN = –0.02
MAX = 0.01
p-p/MAX = 0.03
Figure 4. Typical Composite Output Differential Gain and Phase,
NTSC for Y Channel; f = 3.58 MHz, RL = 150 Ω
FREQUENCY (Hz)
GAIN
PHASE
2
180
90
0
–90
–180
0
–2
–4
–6
–8
–10
1M
10M
100M
1G
X, Y, Z CH = 0dBm
RL = 150Ω
CL ≤ 5pF
Figure 5. Gain and Phase vs. Frequency of X, Y, Z Inputs
FREQUENCY (Hz)
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
300k
10M
1M
100M
1G
X, Y CH = 0dBm
RL = 150Ω
CL ≤ 5pF
Figure 6. Gain Flatness to 0.1 dB
FREQUENCY (Hz)
–10
–20
–30
–40
–50
–60
1M
10M
100M
1G
X FEEDTHROUGH
X FEEDTHROUGH
Y FEEDTHROUGH
Y FEEDTHROUGH
X, Y CH = 5dBm
RL = 150Ω
CL < 5pF
Figure 7. X and Y Feedthrough vs. Frequency
+0.2V
–0.2V
GND
100mV
10ns
Figure 8. Small Signal Pulse Response at W Output, RL = 150 Ω, CL ≤ 5 pF,
X Channel = ±0.2 V, Y Channel = ±1.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com