Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD835ARZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD835ARZ
Description  250 MHz, Voltage Output,4-Quadrant Multiplier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD835ARZ Datasheet(HTML) 1 Page - Analog Devices

  AD835ARZ Datasheet HTML 1Page - Analog Devices AD835ARZ Datasheet HTML 2Page - Analog Devices AD835ARZ Datasheet HTML 3Page - Analog Devices AD835ARZ Datasheet HTML 4Page - Analog Devices AD835ARZ Datasheet HTML 5Page - Analog Devices AD835ARZ Datasheet HTML 6Page - Analog Devices AD835ARZ Datasheet HTML 7Page - Analog Devices AD835ARZ Datasheet HTML 8Page - Analog Devices AD835ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
250 MHz, Voltage Output,
4-Quadrant Multiplier
AD835
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1994–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Simple: basic function is W = XY + Z
Complete: minimal external components required
Very fast: Settles to 0.1% of full scale (FS) in 20 ns
DC-coupled voltage output simplifies use
High differential input impedance X, Y, and Z inputs
Low multiplier noise: 50 nV/√Hz
APPLICATIONS
Very fast multiplication, division, squaring
Wideband modulation and demodulation
Phase detection and measurement
Sinusoidal frequency doubling
Video gain control and keying
Voltage-controlled amplifiers and filters
GENERAL DESCRIPTION
The AD835 is a complete four-quadrant, voltage output analog
multiplier, fabricated on an advanced dielectrically isolated
complementary bipolar process. It generates the linear product
of its X and Y voltage inputs with a −3 dB output bandwidth of
250 MHz (a small signal rise time of 1 ns). Full-scale (−1 V to
+1 V) rise to fall times are 2.5 ns (with a standard RL of 150 Ω),
and the settling time to 0.1% under the same conditions is
typically 20 ns.
Its differential multiplication inputs (X, Y) and its summing
input (Z) are at high impedance. The low impedance output
voltage (W) can provide up to ±2.5 V and drive loads as low as
25 Ω. Normal operation is from ±5 V supplies.
Though providing state-of-the-art speed, the AD835 is simple
to use and versatile. For example, as well as permitting the
addition of a signal at the output, the Z input provides the
means to operate the AD835 with voltage gains up to about ×10.
In this capacity, the very low product noise of this multiplier
(50 nV/√Hz) makes it much more useful than earlier products.
The AD835 is available in an 8-lead PDIP package (N) and an
8-lead SOIC package (R) and is specified to operate over the
−40°C to +85°C industrial temperature range.
FUNCTIONAL BLOCK DIAGRAM
X1
X2
X = X1 – X2
Z INPUT
Y = Y1 – Y2
AD835
W OUTPUT
Y1
Y2
XY
XY + Z
X1
+
+
Figure 1.
PRODUCT HIGHLIGHTS
1.
The AD835 is the first monolithic 250 MHz, four-quadrant
voltage output multiplier.
2.
Minimal external components are required to apply the
AD835 to a variety of signal processing applications.
3.
High input impedances (100 kΩ||2 pF) make signal source
loading negligible.
4.
High output current capability allows low impedance loads
to be driven.
5.
State-of-the-art noise levels achieved through careful
device optimization and the use of a special low noise,
band gap voltage reference.
6.
Designed to be easy to use and cost effective in applications
that require the use of hybrid or board-level solutions.


Similar Part No. - AD835ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD835ARZ AD-AD835ARZ Datasheet
237Kb / 16P
250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835ARZ AD-AD835ARZ Datasheet
237Kb / 16P
250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835ARZ AD-AD835ARZ Datasheet
259Kb / 14P
250 MHz, Voltage Output, 4-Quadrant Multiplier
Rev. E
AD835ARZ-REEL AD-AD835ARZ-REEL Datasheet
237Kb / 16P
250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835ARZ-REEL AD-AD835ARZ-REEL Datasheet
259Kb / 14P
250 MHz, Voltage Output, 4-Quadrant Multiplier
Rev. E
More results

Similar Description - AD835ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD734 AD-AD734 Datasheet
213Kb / 12P
10 MHz, 4-Quadrant Multiplier/Divider
REV.C
AD835 AD-AD835 Datasheet
200Kb / 8P
250 MHz, Voltage Output 4-Quadrant Multiplier
REV.A
logo
Intersil Corporation
HA-2546 INTERSIL-HA-2546 Datasheet
641Kb / 14P
30MHz, Voltage Output, Two Quadrant Analog Multiplier
September 1998
HA2546 INTERSIL-HA2546 Datasheet
534Kb / 19P
Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA-2546 INTERSIL-HA-2546_04 Datasheet
827Kb / 16P
30MHz, Voltage Output, Two Quadrant Analog Multiplier
November 19, 2004
logo
Analog Devices
AD835ARZ AD-AD835ARZ Datasheet
237Kb / 16P
250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835ANZ AD-AD835ANZ Datasheet
237Kb / 16P
250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835 AD-AD835_15 Datasheet
237Kb / 16P
250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
logo
Renesas Technology Corp
HA-2546 RENESAS-HA-2546 Datasheet
835Kb / 16P
30MHz, Voltage Output, Two Quadrant Analog Multiplier
November 19, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com