Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ64GA Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC24FJ64GA
Description  PIC24FJXXXGA0XX Flash Programming Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC24FJ64GA Datasheet HTML 44Page - Microchip Technology PIC24FJ64GA Datasheet HTML 45Page - Microchip Technology PIC24FJ64GA Datasheet HTML 46Page - Microchip Technology PIC24FJ64GA Datasheet HTML 47Page - Microchip Technology PIC24FJ64GA Datasheet HTML 48Page - Microchip Technology PIC24FJ64GA Datasheet HTML 49Page - Microchip Technology PIC24FJ64GA Datasheet HTML 50Page - Microchip Technology PIC24FJ64GA Datasheet HTML 51Page - Microchip Technology PIC24FJ64GA Datasheet HTML 52Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
© 2008 Microchip Technology Inc.
DS39768D-page 49
PIC24FJXXXGA0XX
7.0
AC/DC CHARACTERISTICS AND TIMING REQUIREMENTS
Standard Operating Conditions
Operating Temperature: 0
°C to +70°C. Programming at +25°C is recommended.
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
D111
VDD
Supply Voltage During Programming
VDDCORE + 0.1
3.60
V
Normal programming(1,2)
D112
IPP
Programming Current on MCLR
—5
μA
D113
IDDP
Supply Current During Programming
2
mA
D031
VIL
Input Low Voltage
VSS
0.2 VDD
V
D041
VIH
Input High Voltage
0.8 VDD
VDD
V
D080
VOL
Output Low Voltage
0.4
V
IOL = 8.5 mA @ 3.6V
D090
VOH
Output High Voltage
3.0
V
IOH = -3.0 mA @ 3.6V
D012
CIO
Capacitive Loading on I/O pin (PGDx)
50
pF
To meet AC specifications
D013
CF
Filter Capacitor Value on VCAP
4.7
10
μF
Required for controller core
P1
TPGC
Serial Clock (PGCx) Period
100
ns
P1A
TPGCL
Serial Clock (PGCx) Low Time
40
ns
P1B
TPGCH
Serial Clock (PGCx) High Time
40
ns
P2
TSET1
Input Data Setup Time to Serial Clock
15
ns
P3
THLD1
Input Data Hold Time from PGCx
15
ns
P4
TDLY1
Delay Between 4-Bit Command and
Command Operand
40
ns
P4A
TDLY1A
Delay Between 4-Bit Command Operand
and Next 4-Bit Command
40
ns
P5
TDLY2
Delay Between Last PGCx
↓ of Command
Byte to First PGCx
↑ of Read of Data Word
20
ns
P6
TSET2VDD
↑ Setup Time to MCLR ↑
100
ns
P7
THLD2
Input Data Hold Time from MCLR
25
ms
P8
TDLY3
Delay Between Last PGCx
↓ of Command
Byte to PGDx
↑ by Programming Executive
12
μs
P9
TDLY4
Programming Executive Command
Processing Time
40
μs
P10
TDLY6
PGCx Low Time After Programming
400
ns
P11
TDLY7
Chip Erase Time
400
ms
P12
TDLY8
Page Erase Time
40
ms
P13
TDLY9
Row Programming Time
2
ms
P14
TR
MCLR Rise Time to Enter ICSP™ mode
1.0
μs
P15
TVALID
Data Out Valid from PGCx
10
ns
P16
TDLY10
Delay Between Last PGCx
↓ and MCLR ↓
0—
s
P17
THLD3MCLR
↓ to VDD
100
ns
P18
TKEY1
Delay from First MCLR
↓ to First PGCx ↑
for Key Sequence on PGDx
40
ns
P19
TKEY2
Delay from Last PGCx
↓ for Key
Sequence on PGDx to Second MCLR
1—
ms
P20
TDLY11
Delay Between PGDx
↓ by Programming
Executive to PGDx Driven by Host
23
µs
P21
TDLY12
Delay Between Programming Executive
Command Response Words
8—
ns
Note 1:
VDDCORE must be supplied to the VDDCORE/VCAP pin if the on-chip voltage regulator is disabled. See Section 2.1
“Power Requirements” for more information. (Minimum VDDCORE allowing Flash programming is 2.25V.)
2:
VDD must also be supplied to the AVDD pins during programming. AVDD and AVSS should always be within ±0.3V
of VDD and VSS, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com