Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7244JRZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7244JRZ
Description  LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7244JRZ Datasheet(HTML) 1 Page - Analog Devices

  AD7244JRZ Datasheet HTML 1Page - Analog Devices AD7244JRZ Datasheet HTML 2Page - Analog Devices AD7244JRZ Datasheet HTML 3Page - Analog Devices AD7244JRZ Datasheet HTML 4Page - Analog Devices AD7244JRZ Datasheet HTML 5Page - Analog Devices AD7244JRZ Datasheet HTML 6Page - Analog Devices AD7244JRZ Datasheet HTML 7Page - Analog Devices AD7244JRZ Datasheet HTML 8Page - Analog Devices AD7244JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS Dual, Complete,
12-Bit/14-Bit Serial DACs
AD7242/AD7244
FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
The AD7242/AD7244 is a fast, complete, dual 12-bit/14-bit
voltage output D/A converter. It consists of a 12-bit/14-bit
DAC, 3 V buried Zener reference, DAC output amplifiers and
high speed serial interface logic.
Interfacing to both DACs is serial, minimizing pin count and
allowing a small package size. Standard control signals allow
interfacing to most DSP processors and microcontrollers.
Asynchronous control of DAC updating for both DACs is made
possible with a separate LDAC input for each DAC.
The AD7242/AD7244 operates from
±5 V power supplies,
providing an analog output range of
±3 V. A REF OUT/REF
IN function allows the DACs to be driven from the on-chip 3 V
reference or from an external reference source.
The AD7242/AD7244 is fabricated in Linear Compatible
CMOS (LC
2MOS), an advanced mixed technology process that
combines precision bipolar circuits with low power CMOS
logic. Both parts are available in a 24-pin, 0.3-inch wide, plastic
or hermetic dual-in-line package (DIP) and in a 28-pin, plastic
small outline (SOIC) package. The AD7242 and AD7244 are
available in the same pinout to allow easy upgrade from 12-bit
to 14-bit performance.
FEATURES
Two 12-Bit/14-Bit DACs with Output Amplifiers
AD7242: 12-Bit Resolution
AD7244: 14-Bit Resolution
On-Chip Voltage Reference
Fast Settling Time
AD7242: 3
s to
1/2 LSB
AD7244: 4
s to
1/2 LSB
High Speed Serial Interface
Operates from
5 V Supplies
Specified Over –40 C to +85 C in Plastic Packages
Low Power – 130 mW typ
PRODUCT HIGHLIGHTS
1. Complete, Dual 12-Bit/14-Bit DACs
The AD7242/AD7244 provides the complete function for
generating voltages to 12-bit/14-bit resolution. The part
features an on-chip reference, output buffer amplifiers and
two 12-bit/14-bit D/A converters.
2. High Speed Serial Interface
The AD7242/AD7244 provides a high speed, easy-to-use,
serial interface allowing direct interfacing to DSP processors
and microcontrollers. A separate serial port is provided for
each DAC.
3. Small Package Size
The AD7242/AD7244 is available in a 24-pin DIP and a 28-
pin SOIC package offering considerable space saving over
comparable solutions.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996


Similar Part No. - AD7244JRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7244JR AD-AD7244JR Datasheet
319Kb / 12P
LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
More results

Similar Description - AD7244JRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7242 AD-AD7242 Datasheet
319Kb / 12P
LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
AD7837 AD-AD7837 Datasheet
196Kb / 13P
LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7835ASZ-REEL AD-AD7835ASZ-REEL Datasheet
0Kb / 28P
LC2MOS Quad 14-Bit DACs
REV. D
AD7837ARZ AD-AD7837ARZ Datasheet
494Kb / 12P
LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
LC2MOS Complete, Dual 12-Bit MDACS
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847ARZ AD-AD7847ARZ Datasheet
494Kb / 12P
LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7242 AD-AD7242_15 Datasheet
321Kb / 12P
LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244 AD-AD7244_15 Datasheet
321Kb / 12P
LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com