Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7244JRZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD7244JRZ
Description  LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7244JRZ Datasheet(HTML) 2 Page - Analog Devices

  AD7244JRZ Datasheet HTML 1Page - Analog Devices AD7244JRZ Datasheet HTML 2Page - Analog Devices AD7244JRZ Datasheet HTML 3Page - Analog Devices AD7244JRZ Datasheet HTML 4Page - Analog Devices AD7244JRZ Datasheet HTML 5Page - Analog Devices AD7244JRZ Datasheet HTML 6Page - Analog Devices AD7244JRZ Datasheet HTML 7Page - Analog Devices AD7244JRZ Datasheet HTML 8Page - Analog Devices AD7244JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
AD7242/AD7244–SPECIFICATIONS
(VDD = +5 V
5% VSS = –5 V
5%, AGND = DGND = 0 V, REF INA =
REF INB = +3 V. VOUTA, VOUTB load to AGND: RL = 2 k , CL = 100 pF.
All Specifications TMIN to TMAX unless otherwise noted.)
AD7242
Parameter
J, A Versions
1
K, B Versions
1
Units
Test Conditions/Comments
DC ACCURACY
Resolution
12
12
Bits
Integral Nonlinearity
±1
±1/2
LSB max
Differential Nonlinearity
±1
±1
LSB max
Guaranteed Monotonic
Bipolar Zero Error
±5
±5
LSB max
Positive Full-Scale Error
2
±5
±5
LSB max
Negative Full-Scale Error
2
±5
±5
LSB max
REFERENCE OUTPUT
3
REF OUT @ +25
°C
2.99/3.01
2.99/3.01
V min/V max
TMIN to TMAX
2.98/3.02
2.98/3.02
V min/V max
REF OUT Tempco
35
35
ppm/
°C typ
Reference Load Change
(
∆REF OUT vs. ∆I)
–1
–1
mV max
Reference Load Current Change (0
µA–500 µA)
REFERENCE INPUTS
REF INA, REF INB Input Range
2.85/3.15
2.85/3.15
V min/V max
3 V
± 5%
Input Current
1
1
µA max
LOGIC INPUTS
(LDACA, LDACB, TFSA, TFSB,
TCLKA, TCLKB, DTA, DTB)
Input High Voltage, VINH
2.4
2.4
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
0.8
V max
VDD = 5 V ± 5%
Input Current, IIN
±10
±10
µA max
VIN = 0 V to VDD
Input Capacitance, CIN
4
10
10
pF max
ANALOG OUTPUTS
(VOUTA, VOUTB)
Output Voltage Range
±3
±3
V nom
DC Output Impedance
0.1
0.1
Ω typ
Short Circuit Current
20
20
mA typ
AC CHARACTERISTICS
4
Voltage Output Settling Time
Settling Time to Within
±1/2 LSB of Final Value
Positive Full-Scale Change
3
3
µs max
Typically 2
µs
Negative Full-Scale Change
3
3
µs max
Typically 2
µs
Digital-to-Analog Glitch Impulse
10
10
nV secs typ
DAC Code Change All 1s to All 0s
Digital Feedthrough
2
2
nV secs typ
Channel-to-Channel Isolation
110
110
dB typ
VOUT = 10 kHz Sine Wave
POWER REQUIREMENTS
VDD
+5
+5
V nom
±5% for Specified Performance
VSS
–5
–5
V nom
±5% for Specified Performance
IDD
27
27
mA max
Cumulative Current from the Two VDD Pins
ISS
15
15
mA max
Cumulative Current from the Two VSS Pins
Total Power Dissipation
195
195
mW max
Typically 130 mW
NOTES
1Temperature ranges are as follows: J, K Versions: –40
°C to +85°C; A, B Versions: –40°C to +85°C.
2Measured with respect to REF IN and includes bipolar offset error.
3For capacitive loads greater than 50 pF, a series resistor is required (see Internal Reference section).
4Sample tested @ +25
°C to ensure compliance.
Specifications subject to change without notice.
AD7242 ORDERING GUIDE
Temperature
Integral
Package
Model
Range
Nonlinearity
Option*
AD7242JN
–40
°C to +85°C
±1 LSB max
N-24
AD7242KN
–40
°C to +85°C
±1/2 LSB max
N-24
AD7242JR
–40
°C to +85°C
±1 LSB max
R-28
AD7242KR
–40
°C to +85°C
±1/2 LSB max
R-28
AD7242AQ
–40
°C to +85°C
±1 LSB max
Q-24
AD7242BQ
–40
°C to +85°C
±1/2 LSB max
Q-24
*N = Plastic DIP; Q = Cerdip; R = Small Outline IC (SOIC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com