Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3605ARZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3605ARZ
Description  120 mA Switched Capacitor Voltage Inverter with Regulated Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3605ARZ Datasheet(HTML) 5 Page - Analog Devices

  ADP3605ARZ Datasheet HTML 1Page - Analog Devices ADP3605ARZ Datasheet HTML 2Page - Analog Devices ADP3605ARZ Datasheet HTML 3Page - Analog Devices ADP3605ARZ Datasheet HTML 4Page - Analog Devices ADP3605ARZ Datasheet HTML 5Page - Analog Devices ADP3605ARZ Datasheet HTML 6Page - Analog Devices ADP3605ARZ Datasheet HTML 7Page - Analog Devices ADP3605ARZ Datasheet HTML 8Page - Analog Devices ADP3605ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADP3605
Rev. B | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CP+
Positive Terminal for the Pump Capacitor.
2
GND
Device Ground.
3
CP−
Negative Terminal for the Pump Capacitor.
4
SD
Logic Level Shutdown Pin. Apply logic high or connect to VIN to shut down the device. In shutdown mode, the
charge pump is turned off, and the quiescent current is reduced to 2 µA (typical). Apply a logic low or connect to
ground for normal operation.
5
VSENSE
Output Voltage Sense Line. Connect a resistor between this pin and VOUT to set the desired output voltage.
6
NC
No Connect. Do not connect to this pin.
7
VOUT
Regulated Negative Output Voltage. Connect a low ESR, 4.7 µF or larger, capacitor between this pin and the
device ground.
8
VIN
Positive Supply Input Voltage. Connect a low ESR bypass capacitor between this pin and the device ground to
minimize supply transients.
CP+ 1
GND
2
CP– 3
SD
4
VIN
8
VOUT
7
NC
6
VSENSE
5
NOTES
1. NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
ADP3605
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com