Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3605ARZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3605ARZ
Description  120 mA Switched Capacitor Voltage Inverter with Regulated Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3605ARZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3605ARZ Datasheet HTML 2Page - Analog Devices ADP3605ARZ Datasheet HTML 3Page - Analog Devices ADP3605ARZ Datasheet HTML 4Page - Analog Devices ADP3605ARZ Datasheet HTML 5Page - Analog Devices ADP3605ARZ Datasheet HTML 6Page - Analog Devices ADP3605ARZ Datasheet HTML 7Page - Analog Devices ADP3605ARZ Datasheet HTML 8Page - Analog Devices ADP3605ARZ Datasheet HTML 9Page - Analog Devices ADP3605ARZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADP3605
Data Sheet
Rev. B | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. Oscillator Frequency vs. Supply Voltage
Figure 5. Supply Current vs. Temperature
Figure 6. Oscillator Frequency vs. Temperature
Figure 7. Average Input Current vs. Output Current
Figure 8. Output Voltage vs. Load Current, VOUT = −3.0 V
Figure 9. Supply Current vs. Supply Voltage
270
260
250
3.0
3.5
4.5
4.0
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–40
–15
35
10
60
85
TEMPERATURE (°C)
SHUTDOWN MODE
(VSD = VIN)
NORMAL MODE
(VSD = 0V)
VIN = 5V
300
280
260
240
220
200
–40
–15
10
35
60
85
TEMPERATURE (°C)
140
120
100
80
60
40
20
0
10
30
50
70
90
110
130
LOAD CURRENT (mA)
–2.5
–2.6
–2.7
–2.8
–2.9
–3.0
–3.1
–3.2
0
40
80
120
160
200
280
LOAD CURRENT (mA)
240
VIN = 3V
VIN = 5V
VIN = 4.75V
VIN = 3.5V
VIN = 6V
3.5
3.0
2.5
1.5
2.0
1.0
0.5
0
7
6
5
4
3
2
1
0
3
4
5
6
SUPPLY VOLTAGE (V)
SHUTDOWN MODE
(VSD = VIN)
NORMAL MODE
(VSD = 0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com