Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08EP Datasheet(PDF) 2 Page - Texas Instruments

Part # 08EP
Description  DAC0800/DAC0802 8-Bit Digital-to-Analog Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

08EP Datasheet(HTML) 2 Page - Texas Instruments

  08EP Datasheet HTML 1Page - Texas Instruments 08EP Datasheet HTML 2Page - Texas Instruments 08EP Datasheet HTML 3Page - Texas Instruments 08EP Datasheet HTML 4Page - Texas Instruments 08EP Datasheet HTML 5Page - Texas Instruments 08EP Datasheet HTML 6Page - Texas Instruments 08EP Datasheet HTML 7Page - Texas Instruments 08EP Datasheet HTML 8Page - Texas Instruments 08EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DAC0800, DAC0802
SNAS538C – JUNE 1999 – REVISED FEBRUARY 2013
www.ti.com
Absolute Maximum Ratings
(1)
Supply Voltage (V+
− V−)
±18V or 36V
Power Dissipation (2)
500 mW
Reference Input Differential Voltage
(V14 to V15)
V− to V+
Reference Input Common-Mode
Range (V14, V15)
V− to V+
Reference Input Current
5 mA
Logic Inputs
V− to V− plus 36V
Analog Current Outputs
(VS− = −15V)
4.25 mA
ESD Susceptibility (3)
TBD V
Storage Temperature
−65°C to +150°C
Lead Temp. (Soldering, 10 seconds)
PDIP Package (plastic)
260°C
CDIP Package (ceramic)
300°C
Surface Mount Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating conditions.
(2)
The maximum junction temperature of the DAC0800 and DAC0802 is 125°C. For operating at elevated temperatures, devices in the
CDIP package must be derated based on a thermal resistance of 100°C/W, junction-to-ambient, 175°C/W for the molded PDIP package
and 100°C/W for the SOIC package.
(3)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Operating Conditions
(1)
Min
Max
Units
Temperature (TA)
DAC0800L
−55
+125
°C
DAC0800LC
0
+70
°C
DAC0802LC
0
+70
°C
V+
(V−) + 10
(V−) + 30
V
V
−
−15
−5
V
IREF (V
− = −5V)
1
2
mA
IREF (V
− = −15V)
1
4
mA
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating conditions.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: DAC0800 DAC0802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com