Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08EP Datasheet(PDF) 11 Page - Texas Instruments

Part # 08EP
Description  DAC0800/DAC0802 8-Bit Digital-to-Analog Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

08EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button 08EP Datasheet HTML 7Page - Texas Instruments 08EP Datasheet HTML 8Page - Texas Instruments 08EP Datasheet HTML 9Page - Texas Instruments 08EP Datasheet HTML 10Page - Texas Instruments 08EP Datasheet HTML 11Page - Texas Instruments 08EP Datasheet HTML 12Page - Texas Instruments 08EP Datasheet HTML 13Page - Texas Instruments 08EP Datasheet HTML 14Page - Texas Instruments 08EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DAC0800, DAC0802
www.ti.com
SNAS538C – JUNE 1999 – REVISED FEBRUARY 2013
Typical values: RIN=5k,+VIN=10V
Pin numbers represent the PDIP package. The SOIC package pin numbers differ from that of the PDIP package.
Figure 26. Pulsed Reference Operation
VTH = VLC + 1.4V
15V CMOS, HTL, HNIL
VTH = 7.6V
Note. Do not exceed negative logic input range of DAC.
Figure 27. Interfacing with Various Logic Families
(a) IREF ≥ peak negative swing of IIN
(b) +VREF must be above peak positive swing of VIN
Pin numbers represent the PDIP package. The SOIC package pin numbers differ from that of the PDIP package.
Figure 28. Accommodating Bipolar References
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DAC0800 DAC0802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com