Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2537ACBZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2537ACBZ-R7
Description  PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2537ACBZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  SSM2537ACBZ-R7 Datasheet HTML 1Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 2Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 3Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 4Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 5Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 6Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 7Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 8Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SSM2537
Data Sheet
Rev. 0 | Page 4 of 16
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Supply Current, Modulator
I
VDD
Dither input, 8 Ω + 33 µH load
VDD = 1.8 V, f
S = 64×
0.3
mA
VDD = 1.8 V, f
S = 128×
0.6
mA
Standby Current
VDD = 1.8 V, f
S = 64×
37
µA
VDD = 1.8 V, f
S = 128×
68
µA
Shutdown Current
VDD = 1.8 V
1.6
µA
NOISE PERFORMANCE
Output Voltage Noise
e
n
Dither input, A-weighted
PVDD = 3.6 V, f
S = 64×
25
µV
PVDD = 3.6 V, f
S = 128×
27
µV
PVDD = 5.0 V, f
S = 64×
33
µV
PVDD = 5.0 V, f
S = 128×
30
µV
Signal-to-Noise Ratio
SNR
P
O = 1.4 W, PVDD = 5.0 V, RL = 8 Ω,
A-weighted
f
S = 64×
102
dB
f
S = 128×
102
dB
DIGITAL INPUT/OUTPUT SPECIFICATIONS
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage High
V
IH
PCLK, PDAT, LRSEL Pins
0.7 × VDD
3.6
V
Input Voltage Low
V
IL
V
PCLK, PDAT, LRSEL Pins
−0.3
0.3 × VDD
V
Input Leakage Current High
I
IH
PDAT, LRSEL Pins
1
µA
PCLK Pin
3
µA
Input Leakage Current Low
I
IL
PDAT, LRSEL Pins
1
µA
PCLK Pin
3
µA
Input Capacitance
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com