Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2537ACBZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # SSM2537ACBZ-R7
Description  PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2537ACBZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button SSM2537ACBZ-R7 Datasheet HTML 8Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 9Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 10Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 11Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 12Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 13Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 14Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 15Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
SSM2537
Data Sheet
Rev. 0 | Page 14 of 16
PDM PATTERN CONTROL
The SSM2537 has a simple control mechanism that can set
the part for low power states and control functionality. This is
accomplished by sending a repeating 8-bit pattern to the device.
Different patterns set different functionality (see Table 8).
Any pattern must be repeated a minimum of 129 times. The
part is automatically muted when a pattern is detected so that
a pattern can be set while the part is operational without a
pop/click due to pattern transition.
All functionality set via patterns returns to its default values
after a clock-loss power-down.
Table 8. PDM Watermarking Pattern Control Descriptions
Pattern
Control Description
0xD2
Gain optimized for PVDD = 3.6 V operation.
0xD4
Gain optimized for PVDD = 2.5 V operation.
0xD8
Gain optimized for PVDD = 5 V operation.
0xE1
Ultralow EMI mode.
0xE2
Low latency mode with pattern delay (~15 μs latency).
0xE4
fS set to opposite value determined by GAIN_FS pin.
0xAA
Device reset: Place device into default configuration.
0x66
Mute.
0xAC
Power-down: All blocks off except for PDM interface.
Normal start-up time.
EMI NOISE
The SSM2537 uses a proprietary modulation and spread-
spectrum technology to minimize EMI emissions from the
device. For applications that have difficulty passing FCC
Class B emission tests, the SSM2537 includes a modulation
select mode (ultralow EMI emissions mode) that significantly
reduces the radiated emissions at the Class-D outputs, particu-
larly above 100 MHz. This mode is enabled by activating PDM
Watermarking Pattern 0xE1 (see Table 8).
PDM CHANNEL SELECTION
The SSM2537 includes a left/right input select pin, LRSEL
(see Table 9), that determines which of the time-multiplexed
input streams is routed to the amplifier. To select the left input
channel, connect LRSEL to PGND. To select the right channel,
connect LRSEL to VDD. At any point during amplifier
operation, the logic level applied to LRSEL may be changed
and the output will switch the input streams without audible
artifacts. No muting, watermarking pattern or synchronizing
are necessary to achieve a click/pop free LRSEL transition.
Table 9. LRSEL Pin Function Descriptions
Device Setting
LRSEL Pin Configuration
Right Channel Select
VDD
Left Channel Select
PGND
OUTPUT MODULATION DESCRIPTION
The SSM2537 uses three-level, Σ-Δ output modulation. Each
output can swing from PGND to PVDD and vice versa. Ideally,
when no input signal is present, the output differential voltage is
0 V because there is no need to generate a pulse. In a real-world
situation, there are always noise sources present.
Due to this constant presence of noise, a differential pulse
is generated, when required, in response to this stimulus. A
small amount of current flows into the inductive load when
the differential pulse is generated.
Most of the time, however, the output differential voltage is 0 V,
due to the Analog Devices, Inc., three-level, Σ-Δ output
modulation. This feature ensures that the current flowing
through the inductive load is small.
When the user wants to send an input signal, an output pulse
(OUT+ and OUT−) is generated to follow the input voltage.
The differential pulse density (VOUT) is increased by raising
the input signal level. Figure 33 depicts three-level, Σ-Δ output
modulation with and without input stimulus.
Figure 33. Three-Level, Σ-Δ Output Modulation With and Without Input Stimulus
OUTPUT > 0V
+5V
0V
OUT+
+5V
0V
OUT–
+5V
0V
VOUT
OUTPUT < 0V
+5V
0V
OUT+
+5V
0V
OUT–
0V
–5V
VOUT
OUTPUT = 0V
OUT+
+5V
0V
+5V
0V
OUT–
+5V
–5V
0V
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com