Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS510 Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # SS510
Description  5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SS510 Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  SS510 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SS510 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
For surface mounted application
Metal to silicon rectifier, majority carrier conduction
Low forward voltage drop
Easy pick and place
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Epitaxial construction
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Case: Molded plastic
Terminals: Pure tin plated, lead free.
Polarity: Indicated by cathode band
Packaging: 16mm tape per EIA STD RS-481
Weight: 0.1 gram
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SS
52
SS
53
SS
54
SS
55
SS
56
SS
59
SS
510
SS
515
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
150
V
Maximum Average Forward Rectified Current
at TL(See Fig. 1)
I(AV)
5.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
120
A
Maximum Instantaneous Forward Voltage
@ 5.0A
VF
0.55
0.75
0.85
0.95
V
0.5
0.3
Maximum DC Reverse Current (Note 1)
@ TA =25
oC at Rated DC Blocking Voltage
@ TA=125
oC
IR
20
10
5.0
mA
mA
Typical Thermal Resistance ( Note 2 )
RθJL
RθJA
17
55
oC/W
Operating Temperature Range
TJ
-55 to +125
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Notes:
1. Pulse Test with PW=300 usec, 1% Duty Cycle
2. Measured on P.C.Board with 0.6” x 0.6”(16mm x 16mm) Copper Pad Areas.
Unit: inch (mm)
SMC/DO-214AB
.280(7.11)
.012(.305)
.008(.203)
.320(8.13)
.050(1.27)
.260(6.60)
.006(.152)
.002(.051)
.305(7.75)
.030(0.76)
®
SS52 thru SS515
Pb
SS52 thru SS515
5.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Pb Free Plating Product
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2


Similar Part No. - SS510

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS510 FRONTIER-SS510 Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS510 LUGUANG-SS510 Datasheet
257Kb / 2P
Surface Mount Schottky Barrier Rectifiers
SS510 LUGUANG-SS510 Datasheet
395Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SS510 TAYCHIPST-SS510 Datasheet
9Mb / 2P
SURFACE MOUNT S CHOTTKY BARRIER RECTIFIERS
logo
Gaomi Xinghe Electronic...
SS510 GXELECTRONICS-SS510 Datasheet
360Kb / 2P
SCHOTTKY BARRIER RECTIFLER
More results

Similar Description - SS510

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SM520C GWSEMI-SM520C Datasheet
65Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SCD52 SECOS-SCD52_15 Datasheet
470Kb / 2P
5.0 AMP Surface Mount Schottky Barrier Rectifiers
SK54BL SECOS-SK54BL_15 Datasheet
165Kb / 2P
5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SS52-20V-DO-214AB DGNJDZ-SS52-20V-DO-214AB Datasheet
266Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS58-5A-80V-DO-214AA DGNJDZ-SS58-5A-80V-DO-214AA Datasheet
249Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS515-150V-DO-214AB DGNJDZ-SS515-150V-DO-214AB Datasheet
266Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS520-200V-DO-214AA DGNJDZ-SS520-200V-DO-214AA Datasheet
249Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS520F-200V.SMAF DGNJDZ-SS520F-200V.SMAF Datasheet
517Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK52.5A-DO-214AB DGNJDZ-SK52.5A-DO-214AB Datasheet
216Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK54.5A-DO-214AB DGNJDZ-SK54.5A-DO-214AB Datasheet
216Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com