Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4128AMF-3.3/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM4128AMF-3.3/NOPB
Description  LM4128/LM4128Q SOT-23 Precision Micropower Series Voltage Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4128AMF-3.3/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM4128AMF-3.3/NOPB Datasheet HTML 5Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 6Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 9Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 10Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 11Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 12Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
10
100
1000
10000
FREQUENCY (Hz)
4.096V
3.3V
3.0V
2.5V
2.0V
1.8V
0
5
10
15
20
25
30
35
10
100
1k
10k
100k
1M
0
90
FREQUENCY (Hz)
10
20
30
40
50
60
70
80
COUT = 1 PF
No COUT
3.0
3.5
4.0
4.5
5.0
5.5
2.497
2.498
2.499
2.500
2.501
2.502
INPUT VOLTAGE (V)
125°C
25°C
-40°C
-40
-20
0
20
40
60
80
100 120
TEMPERATURE (
oC)
2.4925
2.495
2.4975
2.5
2.5025
2.505
2.5075
5 Typical Units
1
10
100
1000
10000
100000
LOAD CURRENT (PA)
2.496
2.497
2.498
2.499
2.500
2.501
2.502
2.503
2.504
2.505
2.506
-40°C
25°C
125°C
LM4128, LM4128Q
www.ti.com
SNVS475E – NOVEMBER 2006 – REVISED APRIL 2013
Typical Performance Characteristics for 2.5V
Output Voltage vs Temperature
Load Regulation
Figure 1.
Figure 2.
Line Regulation
0.1 - 10 Hz Noise
Figure 3.
Figure 4.
Output Voltage Noise Spectrum
Power Supply Rejection Ratio vs Frequency
Figure 5.
Figure 6.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4128 LM4128Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com