Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4128AMF-3.3/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM4128AMF-3.3/NOPB
Description  LM4128/LM4128Q SOT-23 Precision Micropower Series Voltage Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4128AMF-3.3/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4128AMF-3.3/NOPB Datasheet HTML 6Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 9Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 10Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 11Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 12Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 13Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
0
20
0
10
20
30
40
50
60
70
80
90
100
LOAD CURRENT (mA)
5
10
15
125
oC
25
oC
-40
oC
2.0
2.5
3.0
3.5
4.0
4.5
5.0
INPUT VOLTAGE (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
125°C
25°C
-40°C
5.5
0
1
2
3
4
5
0
10
20
30
40
50
60
70
80
90
100
INPUT VOLTAGE (V)
0
200
400
600
800
1000
-200
-150
-100
-50
0
50
100
150
200
TIME (Hours)
1 TYPICAL UNIT FROM EACH
VOLTAGE OPTION
0
5
10
15
20
0
600
LOAD CURRENT (mA)
200
400
-40
°C
LM4128, LM4128Q
SNVS475E – NOVEMBER 2006 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics for 2.5V (continued)
Dropout vs Load to 0.5% Accuracy
Typical Long Term Stability
Figure 7.
Figure 8.
Supply Current vs Input Voltage
Shutdown IQ vs Input Voltage
Figure 9.
Figure 10.
Ground Current vs Load Current
Line Transient Response VIN = 3V to 5V
Figure 11.
Figure 12.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4128 LM4128Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com