Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC4502ACD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC4502ACD
Description  FAMILY OF SELF-CALIBRATING PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC4502ACD Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC4502ACD Datasheet HTML 2Page - Texas Instruments TLC4502ACD Datasheet HTML 3Page - Texas Instruments TLC4502ACD Datasheet HTML 4Page - Texas Instruments TLC4502ACD Datasheet HTML 5Page - Texas Instruments TLC4502ACD Datasheet HTML 6Page - Texas Instruments TLC4502ACD Datasheet HTML 7Page - Texas Instruments TLC4502ACD Datasheet HTML 8Page - Texas Instruments TLC4502ACD Datasheet HTML 9Page - Texas Instruments TLC4502ACD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
TLC4501, TLC4501A, TLC4502, TLC4502A
FAMILY OF SELF-CALIBRATING (Self-Cal
)
PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS221B – MAY 1998 – REVISED APRIL 2001
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V, GND = 0 (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
TLC450xI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
TLC4501
–80
10
80
VIO
Input offset voltage
VDD = ± 2.5 V, VO = 0,
TLC4501A
Full range
–40
10
40
µV
VIO
Input offset voltage
DD
,
VIC = 0,
O
,
RS = 50 Ω
TLC4502
Full range
–100
10
100
µV
TLC4502A
–50
10
50
αVIO
Temperature coefficient of input
Full range
1
µV/°C
αVIO
offset voltage
Full range
1
µV/°C
VDD = ± 2.5 V, VO = 0,
25
°C
1
60
IIO
Input offset current
DD
VIC = 0,
O
RS = 50 Ω
– 40
°C to
85
°C
500
pA
Full range
5
nA
25
°C
1
60
IIB
Input bias current
VDD = ± 2.5 V,
VIC = 0,
VO = 0,
RS = 50 Ω
– 40
°C to
85
°C
500
pA
Full range
10
nA
IOH = – 500 µA
25
°C
4.99
VOH
High-level output voltage
IOH = 5mA
25
°C
4.9
V
IOH = – 5 mA
Full range
4.7
VIC = 2.5 V,
IOL = 500 µA
25
°C
0.01
VOL
Low-level output voltage
VIC =2 5V
IOL =5mA
25
°C
0.1
V
VIC = 2.5 V,
IOL = 5 mA
Full range
0.3
AVD
Large-signal differential voltage
VIC = 2.5 V,
VO = 1 V to 4 V,
25
°C
200
1000
V/mV
AVD
gg
g
amplification
IC
,
RL = 1 kΩ,
O
,
See Note 4
Full range
200
V/mV
RI(D)
Differential input resistance
25
°C
10
k
Ω
RL
Input resistance
See Note 4
25
°C
1012
Ω
CL
Common-mode input capacitance
f = 10 kHz,
P package
25
°C
8
pF
zO
Closed-loop output impedance
AV = 10,
f = 100 kHz
25
°C
1
Ω
CMRR
Common mode rejection ratio
VIC = 0 to 2.7 V, VO = 2.5 V,
25
°C
90
100
dB
CMRR
Common-mode rejection ratio
IC
,
O
,
RS = 1 kΩ
Full range
85
dB
kSVR
Supply-voltage rejection ratio
VDD =4Vto6V VIC = 0 No load
25
°C
90
100
dB
kSVR
yg
j
(
∆VDD ±/∆VIO)
VDD = 4 V to 6 V, VIC = 0, No load
Full range
90
dB
TLC4501/A
25
°C
1
1.5
IDD
Supply current
VO =2 5V
No load
TLC4501/A
Full range
2
mA
IDD
Supply current
VO = 2.5 V,
No load
TLC4502/A
25
°C
2.5
3.5
mA
TLC4502/A
Full range
4
VIT(CAL) Calibration input threshold voltage
Full range
4
V
VIT(CAL) Calibration input threshold voltage
Full range
4
V
† Full range is – 40
°C to 125°C.
NOTE 4: RL and CL values are referenced to 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com