Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC4502ACD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC4502ACD
Description  FAMILY OF SELF-CALIBRATING PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC4502ACD Datasheet(HTML) 1 Page - Texas Instruments

  TLC4502ACD Datasheet HTML 1Page - Texas Instruments TLC4502ACD Datasheet HTML 2Page - Texas Instruments TLC4502ACD Datasheet HTML 3Page - Texas Instruments TLC4502ACD Datasheet HTML 4Page - Texas Instruments TLC4502ACD Datasheet HTML 5Page - Texas Instruments TLC4502ACD Datasheet HTML 6Page - Texas Instruments TLC4502ACD Datasheet HTML 7Page - Texas Instruments TLC4502ACD Datasheet HTML 8Page - Texas Instruments TLC4502ACD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
TLC4501, TLC4501A, TLC4502, TLC4502A
FAMILY OF SELF-CALIBRATING (Self-Cal
)
PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS221B – MAY 1998 – REVISED APRIL 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Self-Calibrates Input Offset Voltage to
40
µV Max
D Low Input Offset Voltage Drift ...1 µV/°C
D Input Bias Current ...1 pA
D Open Loop Gain . . . 120 dB
D Rail-To-Rail Output Voltage Swing
D Stable Driving 1000 pF Capacitive Loads
D Gain Bandwidth Product . . . 4.7 MHz
D Slew Rate . . . 2.5 V/µs
D High Output Drive Capability . . . ±50 mA
D Calibration Time . . . 300 ms
D Characterized From –55°C to 125°C
D Available in Q-Temp Automotive
HighRel Automotive Applications
Configuration Control / Print Support
Qualification to Automotive Standards
description
The TLC4501 and TLC4502 are the highest precision CMOS single supply rail-to-rail operational amplifiers
available today. The input offset voltage is 10
µV typical and 40 µV maximum. This exceptional precision,
combined with a 4.7-MHz bandwidth, 2.5-V/
µs slew rate, and 50-mA output drive, is ideal for multiple
applications including: data acquisition systems, measurement equipment, industrial control applications, and
portable digital scales.
These amplifiers feature self-calibrating circuitry which digitally trims the input offset voltage to less than 40
µV
within the first 300 ms of operation. The offset is then digitally stored in an integrated successive approximation
register (SAR). Immediately after the data is stored, the calibration circuitry effectively drops out of the signal
path, shuts down, and the device functions as a standard operational amplifier.
Power-On
Reset
IN+
OUT
A/D
–
+
Control
Logic
Oscillator
D/A
SAR
GND
IN–
VDD
5 V
Calibration Circuitry
Offset Control
3
2
8
1
4
Figure 1. Channel One of the TLC4502
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
LinEPIC and Self-Cal are trademarks of Texas Instruments.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TLC4502ACD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC4502ACD TI-TLC4502ACD Datasheet
498Kb / 32P
FAMILY OF SELF-CALIBRATING Self-CalE PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLC4502ACD TI1-TLC4502ACD Datasheet
1Mb / 38P
FAMILY OF SELF-CALIBRATING (Self-Cal) PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLC4502ACD TI2-TLC4502ACD Datasheet
939Kb / 40P
FAMILY OF SELF-CALIBRATING (Self-Cal) PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
REVISED APRIL 2001
TLC4502ACD.A TI2-TLC4502ACD.A Datasheet
939Kb / 40P
FAMILY OF SELF-CALIBRATING (Self-Cal) PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
REVISED APRIL 2001
TLC4502ACDG4 TI1-TLC4502ACDG4 Datasheet
1Mb / 38P
FAMILY OF SELF-CALIBRATING (Self-Cal) PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC4502ACD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC4501 TI-TLC4501 Datasheet
498Kb / 32P
FAMILY OF SELF-CALIBRATING Self-CalE PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV27L1 TI-TLV27L1 Datasheet
274Kb / 12P
FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
Rail-to-Rail Output CMOS Operational Amplifiers
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
TLC4501 TI1-TLC4501_16 Datasheet
1Mb / 38P
FAMILY OF SELF-CALIBRATING (Self-Cal) PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com