Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M4CPWRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC27M4CPWRG4
Description  LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27M4CPWRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TLC27M4CPWRG4 Datasheet HTML 1Page - Texas Instruments TLC27M4CPWRG4 Datasheet HTML 2Page - Texas Instruments TLC27M4CPWRG4 Datasheet HTML 3Page - Texas Instruments TLC27M4CPWRG4 Datasheet HTML 4Page - Texas Instruments TLC27M4CPWRG4 Datasheet HTML 5Page - Texas Instruments TLC27M4CPWRG4 Datasheet HTML 6Page - Texas Instruments TLC27M4CPWRG4 Datasheet HTML 7Page - Texas Instruments TLC27M4CPWRG4 Datasheet HTML 8Page - Texas Instruments TLC27M4CPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
www.ti.com
Four offset voltage grades are available (C-suffix and I-suffix types), ranging from the low-cost TLC27M4 (10 mV)
to the high-precision TLC27M9 (900
μV). These advantages, in combination with good common-mode rejection
and supply voltage rejection, make these devices a good choice for new state-of-the-art designs as well as for
upgrading existing designs.
In general, many features associated with bipolar technology are available on LinCMOS™ operational amplifiers,
without the power penalties of bipolar technology. General applications such as transducer interfacing, analog
calculations, amplifier blocks, active filters, and signal buffering are easily designed with the TLC27M4 and
TLC27M9. The devices also exhibit low voltage single-supply operation, and low power consumption, making
them ideally suited for remote and inaccessible battery-powered applications. The common-mode input voltage
range includes the negative rail.
A wide range of packaging options is available, including small-outline and chip-carrier versions for high-density
system applications.
The device inputs and outputs are designed to withstand
−100-mA surge currents without sustaining latch-up.
The TLC27M4 and TLC27M9 incorporate internal ESD-protection circuits that prevent functional failures at
voltages up to 2000 V as tested under MIL-STD-883C, Method 3015; however, care should be exercised in
handling these devices, as exposure to ESD may result in the degradation of the device parametric performance.
The C-suffix devices are characterized for operation from 0°C to 70°C. The I-suffix devices are characterized for
operation from –40°C to 85°C. The M-suffix devices are characterized for operation over the full military
temperature range of –55°C to 125°C.
AVAILABLE OPTIONS
PACKAGE
CHIP
VIOmax
SMALL
CHIP
CERAMIC
PLASTIC
TA
FORM
TSSOP
AT 25°C
OUTLINE
CARRIER
DIP
DIP
(Y)
(PW)(1)
(D)(1)
(FK)
(J)
(N)
900 µV
TLC27M9CD
—
—
TLC27M9CN
—
—
2 mV
TLC27M4BCD
—
—
TLC27M4BCN
—
—
0°C to 70°C
5 mV
TLC27M4ACD
—
—
TLC27M4ACN
—
—
10 mV
TLC27M4CD
—
—
TLC27M4CN
TLC27M4CPW
TLC27M4Y
900 µV
TLC27M9ID
—
—
TLC27M9IN
—
—
2 mV
TLC27M4BID
—
—
TLC27M4BIN
—
—
–40°C to 85°C
5 mV
TLC27M4AID
—
—
TLC27M4AIN
—
—
10 mV
TLC27M4ID
—
—
TLC27M4IN
TLC27M41PW
—
900 µV
TLC27M9MD
TLC27M9MFK
TLC27M9MJ
TLC27M9MN
—
—
–55°C to 125°C
10 mV
TLC27M4MD
TLC27M4MFK
TLC27M4MJ
TLC27M4MN
—
—
(1)
The D and PW package is available taped and reeled. Add R suffix to the device type (e.g., TLC279CDR).
2
Submit Documentation Feedback
Copyright © 1987–2012, Texas Instruments Incorporated
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com