Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M4CPWRG4 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLC27M4CPWRG4
Description  LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27M4CPWRG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC27M4CPWRG4 Datasheet HTML 17Page - Texas Instruments TLC27M4CPWRG4 Datasheet HTML 18Page - Texas Instruments TLC27M4CPWRG4 Datasheet HTML 19Page - Texas Instruments TLC27M4CPWRG4 Datasheet HTML 20Page - Texas Instruments TLC27M4CPWRG4 Datasheet HTML 21Page - Texas Instruments TLC27M4CPWRG4 Datasheet HTML 22Page - Texas Instruments TLC27M4CPWRG4 Datasheet HTML 23Page - Texas Instruments TLC27M4CPWRG4 Datasheet HTML 24Page - Texas Instruments TLC27M4CPWRG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
αVIO – Temperature Coefficient – V/ C
μ
°
60
0
10
20
30
40
50
TA = 25°C to 125°C
VDD = 5 V
224 Amplifiers Tested From 6 Wafer Lots
(1) 33.0 μV/C
Outliers:
N Package
8
6
4
2
0
–2
–4
–6
– 8
10
– 10
αVIO – Temperature Coefficient – V/ C
μ
°
50
40
30
20
10
0
60
Outliers:
(1) 34.6 μV/ C
°
224 Amplifiers Tested From 6 Wafer Lots
VDD = 10 V
TA = 25°C to 125°C
N Package
– 10
10
–8
–6
–4
– 2
0
2
4
6
8
–5
0
VIO – Input Offset Voltage – mV
5
–4
–3
–2
–1
0
1
2
3
4
10
20
30
40
50
60
612 Amplifiers Tested From 6 Wafer Lots
VDD = 5 V
TA = 25°C
N Package
N Package
TA = 25°C
VDD = 10 V
612 Amplifiers Tested From 4 Wafer Lots
60
50
40
30
20
10
4
3
2
1
0
–1
–2
–3
–4
5
VIO – Input Offset Voltage – mV
0
–5
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
www.ti.com
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
TYPICAL CHARACTERISTICS
DISTRIBUTION OF TLC27M4
DISTRIBUTION OF TLC27M4
INPUT OFFSET VOLTAGE
INPUT OFFSET VOLTAGE
Figure 6.
Figure 7.
DISTRIBUTION OF TLC27M4 AND TLC27M9
DISTRIBUTION OF TLC27M4 AND TLC27M9
INPUT OFFSET VOLTAGE
INPUT OFFSET VOLTAGE
TEMPERATURE COEFFICIENT
TEMPERATURE COEFFICIENT
Figure 8.
Figure 9.
Copyright © 1987–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com