Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C21 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT24C21
Description  1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C21 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT24C21 Datasheet HTML 1Page - ON Semiconductor CAT24C21 Datasheet HTML 2Page - ON Semiconductor CAT24C21 Datasheet HTML 3Page - ON Semiconductor CAT24C21 Datasheet HTML 4Page - ON Semiconductor CAT24C21 Datasheet HTML 5Page - ON Semiconductor CAT24C21 Datasheet HTML 6Page - ON Semiconductor CAT24C21 Datasheet HTML 7Page - ON Semiconductor CAT24C21 Datasheet HTML 8Page - ON Semiconductor CAT24C21 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2009
September, 2009 − Rev. 16
1
Publication Order Number:
CAT24C21/D
CAT24C21
1 kb Dual Mode Serial
EEPROM for VESA
t
“Plug-and-Play”
Description
The CAT24C21 is a 1 kb Serial CMOS EEPROM internally
organized as 128 words of 8 bits each. The device complies with the
Video Electronics Standard Association’s (VESA
™), Display Data
Channel (DDC
™) standards for “Plug−and−Play” monitors. The
“transmit−only” mode (DDC1
™) is controlled by the VCLK clock
input and the “bi−directional” mode (DDC2
™) is controlled by the
SCL clock input, with both modes sharing a common SDA
input/output (I/O). The transmit−only mode is a read−only mode,
while the bi−directional mode is a read and write mode following the
I2C protocol. In write mode the CAT24C21 features a 16−byte page
write buffer. The device is available in 8−lead DIP, SOIC, TSSOP,
MSOP and TDFN packages.
Features
• DDC1t/DDC2t Interface Compliant for Monitor Identification
• 400 kHz I2C Bus Compatible
• 2.5 to 5.5 Volt Operation
• 16−byte Page Write Buffer
• Hardware Write Protect
• Low Power CMOS Technology
• 1,000,000 Program/Erase Cycles
• 100 Year Data Retention
• Industrial Temperature Range
• 8−lead DIP, SOIC, TSSOP, MSOP or TDFN Packages
• This Device is Pb−Free, Halogen Free/BFR Free, and RoHS
Compliant
Figure 1. Functional Symbol
SDA
SCL
VCLK
CAT24C21
VCC
VSS
http://onsemi.com
PIN CONFIGURATION
SDA
VCLK
VCC
VSS
NC
NC
NC
1
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
ORDERING INFORMATION
SOIC−8
W SUFFIX
CASE 751BD
MSOP−8
Z SUFFIX
CASE 846AD
SCL
PDIP (L), SOIC (W), TSSOP (Y),
TDFN (ZD4), MSOP (Z)
PDIP−8
L SUFFIX
CASE 646AA
TSSOP−8
Y SUFFIX
CASE 948AL
No Connect
NC
Serial Data / Address
SDA
Serial Clock (bi−directional mode)
SCL
Serial Clock (transmit−only mode)
VCLK
Power Supply
VCC
Ground
VSS
Function
Pin Name
PIN FUNCTION
TDFN−8
ZD4 SUFFIX
CASE 511AL


Similar Part No. - CAT24C21

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C21 CATALYST-CAT24C21 Datasheet
66Kb / 12P
1-kb Dual Mode Serial EEPROM for VESA??Plug-and-Play
logo
ON Semiconductor
CAT24C21 ONSEMI-CAT24C21 Datasheet
163Kb / 14P
1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
logo
Catalyst Semiconductor
CAT24C21JETE13 CATALYST-CAT24C21JETE13 Datasheet
66Kb / 12P
1-kb Dual Mode Serial EEPROM for VESA??Plug-and-Play
CAT24C21JITE13 CATALYST-CAT24C21JITE13 Datasheet
66Kb / 12P
1-kb Dual Mode Serial EEPROM for VESA??Plug-and-Play
logo
ON Semiconductor
CAT24C21LE-GT3 ONSEMI-CAT24C21LE-GT3 Datasheet
163Kb / 14P
1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
More results

Similar Description - CAT24C21

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24LC21 STMICROELECTRONICS-ST24LC21 Datasheet
149Kb / 18P
1Kb x8 DUAL MODE SERIAL EEPROM for VESA Plug&Play
Jun-1997
ST24LC21B STMICROELECTRONICS-ST24LC21B Datasheet
159Kb / 22P
1 Kbit x8 Dual Mode Serial EEPROM for VESA PLUG & PLAY
Jun-2002
logo
Catalyst Semiconductor
CAT24C21 CATALYST-CAT24C21 Datasheet
66Kb / 12P
1-kb Dual Mode Serial EEPROM for VESA??Plug-and-Play
CAT24AA01 CATALYST-CAT24AA01 Datasheet
206Kb / 13P
1-Kb and 2-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
CAT24C21 ONSEMI-CAT24C21 Datasheet
163Kb / 14P
1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
logo
Rohm
BR34E02-3 ROHM-BR34E02-3 Datasheet
791Kb / 33P
Serial EEPROM Series Standard EEPROM Plug & Play EEPROM
logo
ON Semiconductor
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com