Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C21 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT24C21
Description  1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C21 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT24C21 Datasheet HTML 1Page - ON Semiconductor CAT24C21 Datasheet HTML 2Page - ON Semiconductor CAT24C21 Datasheet HTML 3Page - ON Semiconductor CAT24C21 Datasheet HTML 4Page - ON Semiconductor CAT24C21 Datasheet HTML 5Page - ON Semiconductor CAT24C21 Datasheet HTML 6Page - ON Semiconductor CAT24C21 Datasheet HTML 7Page - ON Semiconductor CAT24C21 Datasheet HTML 8Page - ON Semiconductor CAT24C21 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CAT24C21
http://onsemi.com
4
Transmit−Only Mode: (DDC1)
Upon power−up, the CAT24C21 will output valid data
only after it has been initialized. During initialization, data
will not be available until after the first nine clocks are sent
to the device (Figure 3). The starting address for the
transmit−only mode can be determined during initialization.
If the SDA pin is high during the first eight clocks, the
starting address will be 7FH. If the SDA pin is low during the
first eight clocks, the starting address will be 00H. During
the ninth clock, SDA will be in the high impedance state.
Data is transmitted in 8 bit words with the most significant
bit first, followed by a 9th ‘don’t care’ bit which will be in
the high impedance state (Figure 4). The CAT24C21 will
continuously sequence through the entire memory array as
long as VCLK is present and no falling edges on SCL are
detected. When the maximum address (7FH) is reached,
addressing will wrap around to the zero location (00H) and
transmitting will continue. The bi−directional mode clock
(SCL) pin must be held high for the device to remain in the
transmit−only mode.
Figure 2. Mode Transition
SCL
Transmit−Only Mode
Bi−Directional Mode
TVHZ
SDA
VCLK
Figure 3. Device Initialization for Transmit−only Mode
SCL
SDA
VCLK
SDA at high impedance for 9 clock cycles
Bit8
TVPU
12
3
4
56
78
9
10
11
12
13
14
15
Bit7 Bit6 Bit5 Bit4
TVAA
Figure 4. Transmit−Only Mode
SCL
SCL must remain high for transmit−only mode
Don’t
Care
SDA
VCLK
TVHIGH
TVLOW
Bit7
Bit6
Bit5
Bit4
(MSB)
Bit8
(LSB)
Bit3
Bit2
Bit1
Bit8
Bit7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com