Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1102 Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD1102
Description  DUAL P-CHANNEL MATCHED MOSFET PAIR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1102 Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD1102 Datasheet HTML 1Page - Advanced Linear Devices ALD1102 Datasheet HTML 2Page - Advanced Linear Devices ALD1102 Datasheet HTML 3Page - Advanced Linear Devices ALD1102 Datasheet HTML 4Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GENERAL DESCRIPTION
The ALD1102 is a monolithic dual P-channel matched transistor pair
intended for a broad range of analog applications. These enhancement-
mode transistors are manufactured with Advanced Linear Devices' en-
hanced ACMOS silicon gate CMOS process.
The ALD1102 offers high input impedance and negative current tempera-
ture coefficient. The transistor pair is matched for minimum offset voltage
and differential thermal response, and it is designed for switching and
amplifying applications in +2V to +12V systems where low input bias
current, low input capacitance and fast switching speed are desired. Since
these are MOSFET devices, they feature very large (almost infinite) current
gain in a low frequency, or near DC operating environment. When used
with an ALD1101, a dual CMOS analog switch can be constructed. In
addition, the ALD1102 is intended as a building block for differential
amplifier input stages, transmission gates, and multiplexer applications.
The ALD1102 is suitable for use in precision applications which require
very high current gain, beta, such as current mirrors and current sources.
The high input impedance and the high DC current gain of the Field Effect
Transistors result in extremely low current loss through the control gate.
The DC current gain is limited by the gate input leakage current, which is
specified at 50pA at room temperature. For example, DC beta of the device
at a drain current of 5mA at 25
°C is = 5mA/50pA = 100,000,000.
FEATURES
• Low threshold voltage of 0.7V
• Low input capacitance
• Low Vos grades -- 2mV, 5mV, 10mV
• High input impedance -- 1012
Ω typical
• Low input and output leakage currents
• Negative current (IDS) temperature coefficient
• Enhancement-mode (normally off)
• DC current gain 109
APPLICATIONS
• Precision current mirrors
• Precision current sources
• Analog switches
• Choppers
• Differential amplifier
input stage
• Voltage comparator
• Data converters
• Sample and Hold
• Analog inverter
ADVANCED
LINEAR
DEVICES, INC.
DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1102A/ALD1102B
ALD1102
Operating Temperature Range*
-55
°C to +125°C0°C to +70°C0°C to +70°C
8-Pin
8-Pin
8-Pin
CERDIP
Plastic Dip
SOIC
Package
Package
Package
ALD1102A PA
ALD1102B PA
ALD1102 DA
ALD1102 PA
ALD1102 SA
* Contact factory for industrial temperature range.
ORDERING INFORMATION
PIN CONFIGURATION
1
2
3
4
8
7
6
5
SOURCE 1
GATE 1
DRAIN 1
NC
SUBSTRATE
SOURCE 2
GATE 2
DRAIN 2
TOP VIEW
DA, PA, SA PACKAGE
SOURCE 1 (1)
SUBSTRATE (8)
SOURCE 2 (7)
GATE 2 (6)
DRAIN 1 (3)
GATE 1 (2)
DRAIN 2 (5)
BLOCK DIAGRAM
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com


Similar Part No. - ALD1102

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD1102 ADL-ALD1102 Datasheet
67Kb / 7P
DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
ALD1102A ADL-ALD1102A Datasheet
67Kb / 7P
DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
logo
Advanced Linear Devices
ALD1102APAL ALD-ALD1102APAL Datasheet
62Kb / 6P
DUAL P-CHANNEL MATCHED MOSFET PAIR
logo
ADL Embedded Solutions
ALD1102APAL ADL-ALD1102APAL Datasheet
67Kb / 7P
DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
logo
Advanced Linear Devices
ALD1102ASAL ALD-ALD1102ASAL Datasheet
62Kb / 6P
DUAL P-CHANNEL MATCHED MOSFET PAIR
More results

Similar Description - ALD1102

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1103 ALD-ALD1103 Datasheet
68Kb / 6P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1105 ALD-ALD1105 Datasheet
58Kb / 6P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED PAIR MOSFET
ALD1102 ALD-ALD1102_12 Datasheet
62Kb / 6P
DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1103 ALD-ALD1103_12 Datasheet
101Kb / 9P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1105 ALD-ALD1105_12 Datasheet
101Kb / 9P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1107 ALD-ALD1107_12 Datasheet
126Kb / 11P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD1103 ALD-ALD1103_16 Datasheet
93Kb / 9P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
logo
ADL Embedded Solutions
ALD1102A ADL-ALD1102A Datasheet
67Kb / 7P
DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
ALD1103 ADL-ALD1103 Datasheet
77Kb / 8P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
ALD1107 ADL-ALD1107 Datasheet
84Kb / 9P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com