Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP3055 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MTP3055
Description  TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.15 OHM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP3055 Datasheet(HTML) 5 Page - Motorola, Inc

  MTP3055 Datasheet HTML 1Page - Motorola, Inc MTP3055 Datasheet HTML 2Page - Motorola, Inc MTP3055 Datasheet HTML 3Page - Motorola, Inc MTP3055 Datasheet HTML 4Page - Motorola, Inc MTP3055 Datasheet HTML 5Page - Motorola, Inc MTP3055 Datasheet HTML 6Page - Motorola, Inc MTP3055 Datasheet HTML 7Page - Motorola, Inc MTP3055 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MTP3055V
5
Motorola TMOS Power MOSFET Transistor Device Data
DRAIN–TO–SOURCE DIODE CHARACTERISTICS
0.50
0.60
0.70
0.80
1.0
VSD, SOURCE–TO–DRAIN VOLTAGE (VOLTS)
Figure 8. Gate–To–Source and Drain–To–Source
Voltage versus Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
RG, GATE RESISTANCE (OHMS)
1
10
100
VDD = 30 V
ID = 12 A
VGS = 10 V
TJ = 25°C
tf
td(off)
VGS = 0 V
TJ = 25°C
Figure 10. Stored Charge
0
QT, TOTAL CHARGE (nC)
2
4
6
8
13
ID = 12 A
TJ = 25°C
VGS
0
6
8
10
12
1000
100
10
1
10
6
2
0
12
8
4
60
50
40
30
20
10
0
VDS
1
3
5
7
9
4
0.55
0.65
0.75
0.85
0.90
2
0.95
QT
Q1
Q2
Q3
11
10
12
td(on)
tr
0
4
12
IS, SOURCE CURRENT (AMPS)
dIS/dt = 100 A/
µs
VDD = 25 V
TJ = 25°C
0.08
0.10
0.11
0.12
0.13
0.09
2
6
8
10
Figure 11. Diode Forward Voltage versus Current
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain–to–source voltage and
drain current that a transistor can handle safely when it is for-
ward biased. Curves are based upon maximum peak junc-
tion temperature and a case temperature (TC) of 25°C. Peak
repetitive pulsed power limits are determined by using the
thermal response data in conjunction with the procedures
discussed in AN569, “Transient Thermal Resistance–General
Data and Its Use.”
Switching between the off–state and the on–state may tra-
verse any load line provided neither rated peak current (IDM)
nor rated voltage (VDSS) is exceeded and the transition time
(tr,tf) do not exceed 10 µs. In addition the total power aver-
aged over a complete switching cycle must not exceed
(TJ(MAX) – TC)/(R
θJC).
A Power MOSFET designated E–FET can be safely used
in switching circuits with unclamped inductive loads. For reli-
able operation, the stored energy from circuit inductance dis-
sipated in the transistor while in avalanche must be less than
the rated limit and adjusted for operating conditions differing
from those specified. Although industry practice is to rate in
terms of energy, avalanche energy capability is not a
constant. The energy rating decreases non–linearly with an
increase of peak current in avalanche and peak junction tem-
perature.
Although many E–FETs can withstand the stress of drain–
to–source avalanche at currents up to rated pulsed current
(IDM), the energy rating is specified at rated continuous cur-
rent (ID), in accordance with industry custom. The energy rat-
ing must be derated for temperature as shown in the
accompanying graph (Figure 13). Maximum energy at cur-
rents below rated continuous ID can safely be assumed to
equal the values indicated.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com