Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7933 Datasheet(PDF) 117 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 117 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 112Page - Analog Devices ADE7933 Datasheet HTML 113Page - Analog Devices ADE7933 Datasheet HTML 114Page - Analog Devices ADE7933 Datasheet HTML 115Page - Analog Devices ADE7933 Datasheet HTML 116Page - Analog Devices ADE7933 Datasheet HTML 117Page - Analog Devices ADE7933 Datasheet HTML 118Page - Analog Devices ADE7933 Datasheet HTML 119Page - Analog Devices ADE7933 Datasheet HTML 120Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 117 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 117 of 120
Table 58. HSDC_CFG Register (Address 0xE706)
Bits
Bit Name
Default Value
Description
0
HCLK
0
0: HSCLK is 8 MHz.
1: HSCLK is 4 MHz.
1
HSIZE
0
0: HSDC transmits the 32-bit registers in 32-bit packages, most significant bit first.
1: HSDC transmits the 32-bit registers in 8-bit packages, most significant bit first.
2
HGAP
0
0: no gap is introduced between packages.
1: a gap of seven HCLK cycles is introduced between packages.
[4:3]
HXFER[1:0]
00
00: HSDC transmits sixteen 32-bit words in the following order: IAWV, VAWV, IBWV, VBWV,
ICWV, VCWV, INWV, AVA, BVA, CVA, AWATT, BWATT, CWATT, AVAR, BVAR, and CVAR.
01: HSDC transmits seven instantaneous values of currents and voltages in the following
order: IAWV, VAWV, IBWV, VBWV, ICWV, VCWV, and INWV.
10: HSDC transmits nine instantaneous values of phase powers in the following order:
AVA, BVA, CVA, AWATT, BWATT, CWATT, AVAR, BVAR, and CVAR.
11: reserved (same as HXFER[1:0] = 00).
5
HSAPOL
0
0: SS/HSA output pin is active low.
1: SS/HSA output pin is active high.
[7:6]
Reserved
00
Reserved. These bits do not manage any functionality.
Table 59. CONFIG3 Register (Address 0xE708)
Bits
Bit Name
Default Value
Description
0
VA2_EN
1
This bit configures V2P or temperature measurement on the Phase A ADE7933/ADE7932.
0: temperature sensor is measured on the second voltage channel of the Phase A ADE7933/
ADE7932. On the ADE7932, the temperature sensor is always sensed by the second voltage
channel, but this bit must still be cleared to 0 to enable the temperature measurement.
1: V2P input is sensed on the second voltage channel of the Phase A ADE7933.
1
VB2_EN
1
This bit configures V2P or temperature measurement on the Phase B ADE7933/ADE7932.
0: temperature sensor is measured on the second voltage channel of the Phase B ADE7933/
ADE7932. On the ADE7932, the temperature sensor is always sensed by the second voltage
channel, but this bit must still be cleared to 0 to enable the temperature measurement.
1: V2P input is sensed on the second voltage channel of the Phase B ADE7933.
2
VC2_EN
1
This bit configures V2P or temperature measurement on the Phase C ADE7933/ADE7932.
0: temperature sensor is measured on the second voltage channel of the Phase C ADE7933/
ADE7932. On the ADE7932, the temperature sensor is always sensed by the second voltage
channel, but this bit must still be cleared to 0 to enable the temperature measurement.
1: V2P input is sensed on the second voltage channel of the Phase C ADE7933.
3
VN2_EN
1
This bit configures V2P or temperature measurement on the neutral line ADE7933/ADE7932.
0: temperature sensor is measured on the second voltage channel of the neutral line ADE7933/
ADE7932. On the ADE7932, the temperature sensor is always sensed by the second voltage
channel, but this bit must still be cleared to 0 to enable the temperature measurement.
1: V2P input is sensed on the second voltage channel of the neutral line ADE7933.
[5:4]
Reserved
00
Reserved. These bits do not manage any functionality.
6
CLKOUT_DIS
0
0: ADE7933/ADE7932 CLKOUT pin is enabled.
1: ADE7933/ADE7932 CLKOUT pin is set high and no clock is generated.
7
ADE7933_
SWRST
0
When this bit is set to 1, a software reset of the ADE7933/ADE7932 devices is initiated. See
the ADE7933/ADE7932 Software Reset section for more information.
Table 60. CONFIG2 Register (Address 0xEA00)
Bits
Bit Name
Default Value
Description
0
I2C_LOCK
0
When this bit is set to 0, the SS/HSA pin can be toggled three times to activate the SPI
serial port. If I2C is the selected serial port, set this bit to 1 to lock the selection. After a 1 is
written to this bit, the ADE7978 ignores spurious toggling of the SS/HSA pin. If SPI is the
selected serial port, any write to the CONFIG2 register locks the selection. The communi-
cation protocol can be changed only after a power-down or hardware reset operation.
[7:1]
Reserved
000 0000
Reserved. These bits do not manage any functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com