Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7933 Datasheet(PDF) 118 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 118 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 112Page - Analog Devices ADE7933 Datasheet HTML 113Page - Analog Devices ADE7933 Datasheet HTML 114Page - Analog Devices ADE7933 Datasheet HTML 115Page - Analog Devices ADE7933 Datasheet HTML 116Page - Analog Devices ADE7933 Datasheet HTML 117Page - Analog Devices ADE7933 Datasheet HTML 118Page - Analog Devices ADE7933 Datasheet HTML 119Page - Analog Devices ADE7933 Datasheet HTML 120Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 118 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 118 of 120
OUTLINE DIMENSIONS
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
28
8
14
15
21
22
7
EXPOSED
PAD
PIN 1
INDICATOR
3.40
3.30 SQ
3.20
0.50
0.40
0.30
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
PIN 1
INDICATOR
0.30
0.25
0.18
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COMPLIANT
TO JEDEC STANDARDS MO-220-WHHD-3.
5.10
5.00 SQ
4.90
0.20 MIN
Figure 129. 28-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
5 mm × 5 mm Body, Very Very Thin Quad
(CP-28-6)
Dimensions shown in millimeters
20
11
10
1
SEATING
PLANE
COPLANARITY
0.1
1.27 BSC
15.40
15.30
15.20
7.60
7.50
7.40
2.64
2.54
2.44
1.01
0.76
0.51
0.30
0.20
0.10
10.51
10.31
10.11
0.46
0.36
2.44
2.24
PIN 1
MARK
1.93 REF
0.32
0.23
0.71
0.50
0.31
45°
0.25 BSC
GAGE
PLANE
COMPLIANT TO JEDEC STANDARDS MS-013
Figure 130. 20-Lead Standard Small Outline Package, with Increased Creepage [SOIC_IC]
Wide Body
(RI-20-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
ADE7978ACPZ
−40°C to +85°C
28-Lead LFCSP_WQ
CP-28-6
ADE7978ACPZ-RL
−40°C to +85°C
28-Lead LFCSP_WQ, 13”Tape and Reel
CP-28-6
ADE7933ARIZ
−40°C to +85°C
20-Lead SOIC_IC
RI-20-1
ADE7933ARIZ-RL
−40°C to +85°C
20-Lead SOIC_IC, 13”Tape and Reel
RI-20-1
ADE7932ARIZ
−40°C to +85°C
20-Lead SOIC_IC
RI-20-1
ADE7932ARIZ-RL
−40°C to +85°C
20-Lead SOIC_IC, 13”Tape and Reel
RI-20-1
EVAL-ADE7978EBZ
Evaluation Board
EVAL-SDP-CB1Z
Evaluation System Controller Board
1
Z = RoHS Compliant Part.
2
The EVAL-SDP-CB1Z is the controller board that manages the EVAL-ADE7978EBZ evaluation board. Both boards must be ordered together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com