Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2323ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP2323ACPZ-R7
Description  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2323ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP2323ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
ADP2323
Rev. A | Page 29 of 32
INTVCC
RTOP1
15kΩ
CC1
820pF
RC1
68kΩ
CSS1
22nF
CINT
1µF
CDRV
1µF
CIN1
10µF, 25V
CBST1
0.1µF
CBST2
0.1µF
L1
2.2µH
M1
FDS8880
M2
FDS8880
L2
3.3µH
VIN
9V
VIN
9V
VOUT1
1.5V, 3A
COUT1
47µF
COUT4
47µF
VOUT2
2.5V, 3A
RBOT1
10kΩ
RTOP2
47.5kΩ
RC2
75kΩ
CC2
820pF
CSS2
22nF
CIN2
10µF, 25V
RBOT2
15kΩ
ROSC
100kΩ
SCFG
TRK2
TRK1
VDRV
ADP2323
GND
PGOOD2
PGOOD1
SYNC
RT
SW1
DL1
PGND
DL2
SW2
MODE
COUT2
47µF
COUT5
47µF
COUT3
47µF
Figure 55. Enable PFM Mode with MODE Pin Pulled to GND, VIN1 = VIN2 = 9 V, VOUT1 = 1.5 V, IOUT1 = 3 A, VOUT2 = 2.5 V, IOUT2 = 3 A, fSW = 600 kHz
INTVCC
RTOP1
10kΩ
CC1
1500pF
RC1
100kΩ
CSS1
22nF
CINT
1µF
CDRV
1µF
CIN1
10µF, 25V
CBST1
0.1µF
CBST2
0.1µF
L1
8.2µH
M1
FDS8880
M2
FDS8880
L2
5.6µH
VIN
12V
VIN
12V
VOUT1
3.3V, 3A
COUT1
100µF
COUT3
100µF
VOUT2
1.8V, 3A
RBOT1
2.21kΩ
REN_BOT
68kΩ
REN_TOP
330kΩ
RTOP2
20kΩ
RC2
51kΩ
CC2
1500pF
CSS2
22nF
CIN2
10µF, 25V
RBOT2
10kΩ
ROSC
200kΩ
MODE
SCFG
TRK2
TRK1
VDRV
ADP2323
GND
PGOOD2
PGOOD1
SYNC
RT
SW1
DL1
PGND
DL2
SW2
RPGOOD1
100kΩ
COUT2
100µF
COUT4
100µF
Figure 56. Programmable VIN_RISING = 8.7 V, VIN_FALLING = 6.7 V, 3.3 V Start Up Before 1.8 V,
VIN1 = VIN2 = 12 V, VOUT1 = 3.3 V, IOUT1 = 3 A, VOUT2 = 1.8 V, IOUT2 = 3 A, fSW = 300 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com