Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2323ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP2323ACPZ-R7
Description  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2323ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP2323ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADP2323
Data Sheet
Rev. A | Page 16 of 32
BOOTSTRAP CIRCUITRY
The ADP2323 integrates the boot regulators to provide the gate
drive voltage for the high-side NFETs. The regulators generate 5
V bootstrap voltages between the BSTx pin and the SWx pin.
It is recommended that an X7R or an X5R, 0.1 µF ceramic
capacitor be placed between the BSTx and the SWx pins.
LOW-SIDE DRIVER
The DLx pin provides the gate drive for the low-side N-channel
MOSFET. Internal circuitry monitors the gate driver signal to
ensure break-before-make switching to prevent cross
conduction.
The VDRV pin provides the power supply to the low-side
drivers. It is limited to a 5.5 V maximum input, and placing
a 1 µF ceramic capacitor close to this pin is recommended.
OSCILLATOR
A resistor from RT to GND programs the switching frequency
according to the following equation:
fSW [kHz] =
]
kΩ
[
000
,
60
OSC
R
A 200 kΩ resistor sets the frequency to 300 kHz, and a 100 kΩ
resistor sets the frequency to 600 kHz. Figure 42 shows the
typical relationship between fSW and ROSC.
200
300
400
600
800
500
700
900
1000
1100
1200
50
90
130
170
210
70
110
150
190
230
250
ROSC (kΩ)
Figure 42. fSW vs. ROSC
SYNCHRONIZATION
The SYNC pin can be configured as an input or an output by
setting the SCFG pin as shown in Table 5.
Table 5. SCFG Configuration
SCFG
SYNC
Phase Shift
High
Output
0°
GND
Input
90°
180 kΩ to GND
Input
120°
100 kΩ to GND
Input
60°
When the SYNC pin is configured as an output, it generates a
clock with a frequency that is equal to the internal switching
frequency.
When the SYNC pin is configured as an input, the ADP2323
synchronizes to the external clock that is applied to the SYNC pin,
and the internal clock must be programmed lower than the
external clock. The phase shift can be programmed by the SCFG
pin.
When working in synchronization mode, the ADP2323 disables
the PFM mode and works only in the CCM mode.
SOFT START
The SSx pins are used to program the soft start time. Place a
capacitor between SSx and GND; an internal current charges
this capacitor to establish the soft start ramp. The soft start time
can be calculated using the following equation:
SS
SS
SS
I
C
V
T
×
= 6
.
0
where:
CSS is the soft start capacitance.
ISS is the soft start pull-up current (3.5 µA).
If the output voltage is precharged prior to power up, the
ADP2323 prevents the low-side MOSFET from turning on until
the soft start voltage exceeds the voltage on the FBx pin.
During soft start, the ADP2323 uses frequency foldback to
prevent output current runaway. The switching frequency is
reduced according to the voltage present at the FBx pin, which
allows more time for the inductor to discharge. The correlation
between the switching frequency and the FBx pin voltage is listed
in Table 6.
Table 6. FBx Pin Voltage and Switching Frequency
FBx Pin Voltage
Switching Frequency
V
FB ≥ 0.4 V
f
SW
0.4 V > V
FB ≥ 0.2 V
1/2 f
SW
V
FB < 0.2 V
1/4 f
SW
PEAK CURRENT-LIMIT AND SHORT-CIRCUIT
PROTECTION
The ADP2323 uses a peak current-limit protection circuit to
prevent current runaway. Place a resistor between DLx and
PGND to program the current-limit value listed in Table 7. The
programmable current-limit threshold feature allows for the use
of a small size inductor for low current applications.
Table 7. Peak Current-Limit Threshold Setting
R
ILIM
Peak Current-Limit Threshold
Floating
4.8 A
47 kΩ
3 A
15 kΩ
1.5 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com