Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3220EB Datasheet(PDF) 18 Page - Sipex Corporation

Part # SP3220EB
Description  High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220EB Datasheet(HTML) 18 Page - Sipex Corporation

Back Button SP3220EB Datasheet HTML 11Page - Sipex Corporation SP3220EB Datasheet HTML 12Page - Sipex Corporation SP3220EB Datasheet HTML 13Page - Sipex Corporation SP3220EB Datasheet HTML 14Page - Sipex Corporation SP3220EB Datasheet HTML 15Page - Sipex Corporation SP3220EB Datasheet HTML 16Page - Sipex Corporation SP3220EB Datasheet HTML 17Page - Sipex Corporation SP3220EB Datasheet HTML 18Page - Sipex Corporation SP3220EB Datasheet HTML 19Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Rev: A Date:12/11/03
SP3220EB/EU +3.0 to +5.0V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
18
PACKAGE:
PLASTIC THIN SMALL
OUTLINE
(TSSOP)
DIMENSIONS
in inches (mm)
Minimum/Maximum
16–PIN
A
A1
Ø
L
B
e
A
A1
B
D
E
e
E2
L
Ø
- /0.043
(- /1.10)
0.002/0.006
(0.05/0.15)
0.007/0.012
(0.19/0.30)
0.193/0.201
(4.90/5.10)
0.169/0.177
(4.30/4.50)
0.026 BSC
(0.65 BSC)
0.126 BSC
(3.20 BSC)
0.020/0.030
(0.50/0.75)
0°/8°
E2
D
- /0.043
(- /1.10)
0.002/0.006
(0.05/0.15)
0.007/0.012
(0.19/0.30)
0.252/0.260
(6.40/6.60)
0.169/0.177
(4.30/4.50)
0.026 BSC
(0.65 BSC)
0.126 BSC
(3.20 BSC)
0.020/0.030
(0.50/0.75)
0°/8°
20–PIN
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com