Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3220EB Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP3220EB
Description  High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220EB Datasheet(HTML) 5 Page - Sipex Corporation

  SP3220EB Datasheet HTML 1Page - Sipex Corporation SP3220EB Datasheet HTML 2Page - Sipex Corporation SP3220EB Datasheet HTML 3Page - Sipex Corporation SP3220EB Datasheet HTML 4Page - Sipex Corporation SP3220EB Datasheet HTML 5Page - Sipex Corporation SP3220EB Datasheet HTML 6Page - Sipex Corporation SP3220EB Datasheet HTML 7Page - Sipex Corporation SP3220EB Datasheet HTML 8Page - Sipex Corporation SP3220EB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Rev: A Date:12/11/03
SP3220EB/EU +3.0 to +5.0V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS: Continued
Unless otherwise noted, the following performance characteristics apply for V
CC = +3.3V, 250kbps data rates, all drivers
loaded with 3k
Ω, 0.1µF charge pump capacitors, and T
AMB = +25°C.
Figure 7. Transmitter Output Voltage vs Load Capaci-
tance for the SP3220EU.
Figure 8. Transmiter Output Voltage vs Supply Voltage
for the SP3220EU.
Figure 9. Supply Current vs Supply Voltage for the
SP3220EU.
0
250
500
1000
1500
2000
Load Capacitance (pF)
6
4
2
0
-2
-4
-6
2Mbps
1.5Mbps
1Mbps
2Mbps
1.5Mbps
1Mbps
2.5
2.7
3
3.5
4
4.5
5
Supply Voltage (V)
6
4
2
0
-2
-4
-6
TxOUT +
TxOUT -
16
14
12
10
8
6
4
2
0
2.7
3
3.5
4
4.5
5
Supply Voltage (V)
T1 Loaded with 3K // 1000pf @1Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com