Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD87384M Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87384M
Description  Synchronous Buck NexFET Power Block II
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD87384M Datasheet(HTML) 12 Page - Texas Instruments

Back Button CSD87384M Datasheet HTML 8Page - Texas Instruments CSD87384M Datasheet HTML 9Page - Texas Instruments CSD87384M Datasheet HTML 10Page - Texas Instruments CSD87384M Datasheet HTML 11Page - Texas Instruments CSD87384M Datasheet HTML 12Page - Texas Instruments CSD87384M Datasheet HTML 13Page - Texas Instruments CSD87384M Datasheet HTML 14Page - Texas Instruments CSD87384M Datasheet HTML 15Page - Texas Instruments CSD87384M Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
CSD87384M
SLPS415B – SEPTEMBER 2013 – REVISED JANUARY 2014
www.ti.com
RECOMMENDED PCB DESIGN OVERVIEW
There are two key system-level parameters that can be addressed with a proper PCB design: Electrical and
Thermal performance. Properly optimizing the PCB layout yields maximum performance in both areas. A brief
description on how to address each parameter is provided.
Electrical Performance
The CSD87384M has the ability to switch voltages at rates greater than 10 kV/µs. Special care must be then
taken with the PCB layout design and placement of the input capacitors, inductor, and output capacitors.
•
The placement of the input capacitors relative to VIN and PGND pins of CSD87384M device should have the
highest priority during the component placement routine. It is critical to minimize these node lengths. As such,
ceramic input capacitors need to be placed as close as possible to the VIN and PGND pins (see Figure 29).
The example in Figure 29 uses 1 x 10-nF 0402 25-V and 4 x 10-
μF 1206 25-V ceramic capacitors (TDK part
number C3216X5R1C106KT or equivalent). Notice there are ceramic capacitors on both sides of the board
with an appropriate amount of vias interconnecting both layers. In terms of priority of placement next to the
Power Stage C21, C5, C8, C19, and C18 should follow in order.
•
The switching node of the output inductor should be placed relatively close to the Power Block II CSD87384M
VSW pins. Minimizing the VSW node length between these two components will reduce the PCB conduction
losses and actually reduce the switching noise level. See Figure 29. (1)
(1)
Keong W. Kam, David Pommerenke, “EMI Analysis Methods for Synchronous Buck Converter EMI Root Cause Analysis”, University of
Missouri – Rolla
Thermal Performance
The CSD87384M has the ability to utilize the PGND planes as the primary thermal path. As such, the use of
thermal vias is an effective way to pull away heat from the device and into the system board. Concerns of solder
voids and manufacturability problems can be addressed by the use of three basic tactics to minimize the amount
of solder attach that wicks down the via barrel:
•
Intentionally space out the vias from each other to avoid a cluster of holes in a given area.
•
Use the smallest drill size allowed in your design. The example in Figure 29 uses vias with a 10 mil drill hole
and a 16 mil capture pad.
•
Tent the opposite side of the via with solder-mask.
The number and drill size of the thermal vias should align with the end user’s PCB design rules and
manufacturing capabilities.
Figure 29. Recommended PCB Layout (Top Down View)
12
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com