Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD87384M Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87384M
Description  Synchronous Buck NexFET Power Block II
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD87384M Datasheet(HTML) 16 Page - Texas Instruments

Back Button CSD87384M Datasheet HTML 12Page - Texas Instruments CSD87384M Datasheet HTML 13Page - Texas Instruments CSD87384M Datasheet HTML 14Page - Texas Instruments CSD87384M Datasheet HTML 15Page - Texas Instruments CSD87384M Datasheet HTML 16Page - Texas Instruments CSD87384M Datasheet HTML 17Page - Texas Instruments CSD87384M Datasheet HTML 18Page - Texas Instruments CSD87384M Datasheet HTML 19Page - Texas Instruments CSD87384M Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
CSD87384M
SLPS415B – SEPTEMBER 2013 – REVISED JANUARY 2014
www.ti.com
CSD87384M Embossed Carrier Tape Dimensions
(1)
Pin 1 is oriented in the top-left quadrant of the tape enclosure (closest to the carrier tape sprocket holes).
spacer
REVISION HISTORY
Changes from Original (September 2013) to Revision A
Page
•
Changed VGS(th) from 1.0 V to 1.1 V in the Electrical Characteristics table .......................................................................... 4
Changes from Revision A (September 2013) to Revision B
Page
•
Added small reel order number ............................................................................................................................................ 1
•
Changed Figure 16 ............................................................................................................................................................... 8
16
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com