Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM385 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DM385 Datasheet HTML 3Page - Texas Instruments DM385 Datasheet HTML 4Page - Texas Instruments DM385 Datasheet HTML 5Page - Texas Instruments DM385 Datasheet HTML 6Page - Texas Instruments DM385 Datasheet HTML 7Page - Texas Instruments DM385 Datasheet HTML 8Page - Texas Instruments DM385 Datasheet HTML 9Page - Texas Instruments DM385 Datasheet HTML 10Page - Texas Instruments DM385 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This revision history highlights the technical changes made to the document in the current revision.
Revision History
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Global
Added notes specifying PCIe support on all DM385 devices and also on DM388 devices with PCIe enabled
to:
•
Section 1.1, Features
•
Figure 1-1, Functional Block Diagram
•
Section 3.3.15, PCI Express (PCIe) Terminal Functions
•
Table 4-10, Pins Used in PCIe Bootmode
•
Section 8.16, Peripheral Component Interconnect Express (PCIe)
•
Figure 9-1, Device Nomenclature
Added support for 4K x 2K resolution:
•
Section 1.3, Description
•
Section 2.6, HDVICP2 Overview
•
Section 8.12, Imaging Subsystem (ISS)
Added notes specifying OPP100 is supported only on DM388 commercial temperature devices to:
•
Section 6.2, Recommended Operating Conditions
•
Section 6.3, Reliability Data
•
Section 7.2.2.1, Dynamic Voltage Frequency Scaling
•
Table 7-3, Device Operating Points (OPPs)
•
Table 7-4, Supported OPP Combinations
Power, Reset,
Changed OPP100 speed from 500 to 600 MHz for ARM Cortex-A8 in Table 7-3, Device Operating Points
Clocking, and
(OPPs).
Interrupts
Removed requirement that the maximum voltage difference between CVDD and any other CVDD_x voltage
domain must be < 150 mV.
•
Table 7-4, Supported OPP Combinations
Copyright © 2013, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com