Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM385 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 84 Page - Texas Instruments

Back Button DM385 Datasheet HTML 80Page - Texas Instruments DM385 Datasheet HTML 81Page - Texas Instruments DM385 Datasheet HTML 82Page - Texas Instruments DM385 Datasheet HTML 83Page - Texas Instruments DM385 Datasheet HTML 84Page - Texas Instruments DM385 Datasheet HTML 85Page - Texas Instruments DM385 Datasheet HTML 86Page - Texas Instruments DM385 Datasheet HTML 87Page - Texas Instruments DM385 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
3.3.14 Oscillator/PLL, Audio Reference Clocks, and Clock Generator
3.3.14.1
Audio Reference Clocks
Table 3-30. Audio Reference Clocks Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
AUD_CLKIN0
Audio Reference Clock 0 for Audio Peripherals
I
AF31
AUD_CLKIN1
Audio Reference Clock 1 for Audio Peripherals
I
AF27
AUD_CLKIN2
Audio Reference Clock 2 for Audio Peripherals
I
AG30
3.3.14.2 CLOCK GENERATOR
Table 3-31. Clock Generator Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
CLKOUT0
Device Clock output 0. Can be used as a system clock
O
AJ31, H12
for other devices.
CLKOUT1
Device Clock output 1. Can be used as a system clock
O
AB9, J16
for other devices.
3.3.14.3 OSCILLATOR/PLL
Table 3-32. Oscillator/PLL Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
AUXOSC_MXI
Auxiliary Crystal input [Optional Audio/Video Reference
I
V30
Crystal Input]. Crystal connection to internal oscillator for
auxiliary clock. Functions as AUX_CLKIN clock input
when an external oscillator is used. If neither a crystal or
external clock is used, this pin should be connected to
ground.
AUXOSC_MXO
Auxiliary Crystal output [Optional Audio/Video Reference
O
U31
Crystal Output]. When auxiliary oscillator is BYPASSED,
leave this pin unconnected.
CLKIN32
RTC Clock input. Optional 32.768 KHz clock for RTC
I
AJ31
reference.
DEVOSC_MXI
Device Crystal input. Crystal connection to internal
I
F30
oscillator for system clock. Functions as DEV_CLKIN
clock input when an external oscillator is used.
DEVOSC_MXO
Device Crystal output. Crystal connection to internal
O
G31
oscillator for system clock. When device oscillator is
BYPASSED, leave this pin unconnected.
DEVOSC_WAKE
Oscillator Wake-up input
I
U28
DEV_CLKIN
Clock input when an external oscillator is used
I
F30
84
Device Pins
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com