Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3952 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3952
Description  FULL-BRIDGE PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3952 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3952 Datasheet HTML 1Page - Allegro MicroSystems 3952 Datasheet HTML 2Page - Allegro MicroSystems 3952 Datasheet HTML 3Page - Allegro MicroSystems 3952 Datasheet HTML 4Page - Allegro MicroSystems 3952 Datasheet HTML 5Page - Allegro MicroSystems 3952 Datasheet HTML 6Page - Allegro MicroSystems 3952 Datasheet HTML 7Page - Allegro MicroSystems 3952 Datasheet HTML 8Page - Allegro MicroSystems 3952 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
3952
FULL-BRIDGE
PWM MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
RC
VCC
LOGIC
SUPPLY
PHASE
EMITTERS
UVLO
& TSD
R S
Dwg. FP-036
MODE
REF
ENABLE
SENSE
BRAKE
9R
R
GROUND
Q
R
S
1.5 V
PWM LATCH
VCC
+ –
BLANKING
SLEEP &
STANDBY MODES
VTH
'EB' ONLY
'B', 'LB', & 'W'
PACKAGES
R T
C T
FUNCTIONAL BLOCK DIAGRAM
TRUTH TABLE
BRAKE
ENABLE PHASE
MODE
OUT
A
OUT
B
DESCRIPTION
H
H
X
H
Z
Z
Sleep Mode
H
H
X
L
Z
Z
Standby, Note 1
H
L
H
H
H
L
Forward,
Fast-Decay Mode
H
L
H
L
H
L
Forward,
Slow-Decay Mode
H
L
L
H
L
H
Reverse,
Fast-Decay Mode
H
L
L
L
L
H
Reverse,
Slow-Decay Mode
L
X
X
H
L
L
Brake,
Fast-Decay Mode
L
X
X
L
L
L
Brake, No Current
Control, Note 2
X = Irrelevant
Z = High Impedance (source and sink both OFF)
NOTES:
1. Includes active pull-offs for power outputs.
2. Includes internal default V
sense level for over-current protection.
50
75
100
125
150
10
6
4
2
0
TEMPERATURE IN
°C
8
25
Dwg. GP-007-1A
'W' TAB
'B' , 'EB', & 'LB' TAB
'W' AMBIENT
'B' & 'EB' AMBIENT
'LB' AMBIENT
Copyright © 1994 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com