Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3952 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3952
Description  FULL-BRIDGE PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3952 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3952 Datasheet HTML 1Page - Allegro MicroSystems 3952 Datasheet HTML 2Page - Allegro MicroSystems 3952 Datasheet HTML 3Page - Allegro MicroSystems 3952 Datasheet HTML 4Page - Allegro MicroSystems 3952 Datasheet HTML 5Page - Allegro MicroSystems 3952 Datasheet HTML 6Page - Allegro MicroSystems 3952 Datasheet HTML 7Page - Allegro MicroSystems 3952 Datasheet HTML 8Page - Allegro MicroSystems 3952 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3952
FULL-BRIDGE
PWM MOTOR DRIVER
A3952SEB
A3952SW
ELECTRICAL CHARACTERISTICS at T
A = +25°C, VBB = 50 V, VCC = 5.0 V, VBRAKE = 2.0 V,
V
SENSE = 0 V, RC = 20 kΩ/1000 pF to Ground (unless noted otherwise).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Drivers
Load Supply Voltage Range
V
BB
Operating, I
OUT = ±2.0 A, L = 3 mH
V
CC
–
50
V
Output Leakage Current
I
CEX
V
OUT = VBB
–
<1.0
50
µA
V
OUT = 0 V
–
<-1.0
-50
µA
Output Saturation Voltage
V
CE(SAT)
Source Driver, I
OUT = -0.5 A
–
0.9
1.2
V
Source Driver, I
OUT = -1.0 A
–
1.0
1.4
V
Source Driver, I
OUT = -2.0 A
–
1.2
1.8
V
Sink Driver, I
OUT = +0.5 A
–
0.9
1.2
V
Sink Driver, I
OUT = +1.0 A
–
1.0
1.4
V
Sink Driver, I
OUT = +2.0 A
–
1.3
1.8
V
Clamp Diode Forward Voltage
V
F
I
F = 0.5 A
–
1.0
1.4
V
(Source or Sink)
I
F = 1.0 A
–
1.1
1.6
V
I
F = 2.0 A
–
1.4
2.0
V
Load Supply Current
I
BB(ON)
V
ENABLE = 0.8 V
–
2.9
6.0
mA
(No Load)
I
BB(OFF)
V
ENABLE = 2.0 V, VMODE = 0.8 V
–
3.1
6.5
mA
V
BRAKE = 0.8 V
–
3.1
6.5
mA
I
BB(SLEEP)
V
ENABLE = VMODE = 2.0 V
–
<1.0
50
µA
12
345
67
8
9
10
11
12
Dwg. PP-058
5
6
7
8
9
10
11
19
20
21
22
23
24
25
GROUND
GROUND
GROUND
GROUND
Dwg. PP-057
VCC
VBB
LOGIC
Continued next page …



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com