Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3972 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3972
Description  DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3972 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3972 Datasheet HTML 1Page - Allegro MicroSystems 3972 Datasheet HTML 2Page - Allegro MicroSystems 3972 Datasheet HTML 3Page - Allegro MicroSystems 3972 Datasheet HTML 4Page - Allegro MicroSystems 3972 Datasheet HTML 5Page - Allegro MicroSystems 3972 Datasheet HTML 6Page - Allegro MicroSystems 3972 Datasheet HTML 7Page - Allegro MicroSystems 3972 Datasheet HTML 8Page - Allegro MicroSystems 3972 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
24
23
22
21
20
19
18
17
16
15
14
13
GROUND
GROUND
SLEEP
VREG
OUT2B
LOAD
SUPPLY2
SENSE2
OUT2A
LOGIC
SUPPLY
MUX
REF
VDD
Dwg. PP-069-3
1
2
3
4
5
6
7
8
9
12
11
10
9
GROUND
GROUND
VCP
CP1
CP2
OUT1B
OUT1A
STROBE
CLOCK
DATA
SENSE1
LOAD
SUPPLY1
OSC
VBB2
VBB1
3972
DUAL DMOS FULL-BRIDGE MICRO-
STEPPING PWM MOTOR DRIVER
Designed for pulse-width modulated (PWM) current control of
bipolar microstepping stepper motors, the A3972SB is capable of
continuous output currents to
±1.5 A and operating voltages to 50 V.
Internal fixed off-time PWM current-control timing circuitry can be
programmed via a serial interface to operate in slow, fast, and mixed
current-decay modes.
The desired load-current level is set via the serial port with two 6-bit
linear DACs in conjunction with a reference voltage. The six bits of
control allow maximum flexibility in torque control for a variety of step
methods, from microstepping to full-step drive. Load current is set in
1.56% increments of the maximum value.
Synchronous rectification circuitry allows the load current to flow
through the low r
DS(on) of the DMOS output driver during the current
decay. This feature will eliminate the need for external clamp diodes in
most applications, saving cost and external component count, while
minimizing power dissipation.
Internal circuit protection includes thermal shutdown with hyster-
esis, transient-suppression diodes, and crossover-current protection.
Special power-up sequencing is not required.
The A3972SB is supplied in a 24-lead plastic DIP with a copper
batwing power tab (suffix ‘B’). The power tab is at ground potential and
needs no electrical isolation.
FEATURES
I ±1.5 A, 50 V Continuous Output Rating
I Low r
DS(on) DMOS Output Drivers
I Optimized Microstepping via 6-Bit Linear DACs
I Programmable Mixed, Fast, and Slow Current-Decay Modes
I 4 MHz Internal Oscillator for Digital Timing
I Serial-Interface Controls Chip Functions
I Synchronous Rectification for Low Power Dissipation
I Internal UVLO and Thermal Shutdown Circuitry
I Crossover-Current Protection
I Precision 2 V Reference
I Inputs Compatible with 3.3 V or 5 V Control Signals
I Sleep and Idle Modes
ABSOLUTE MAXIMUM RATINGS
at T
A = +25°C
Load Supply Voltage, V
BB ................ 50 V
Output Current, I
OUT ...................... ±1.5 A
Logic Supply Voltage, V
DD .............. 7.0 V
Logic Input Voltage Range,
V
IN ................ -0.3 V to VDD + 0.3 V
Reference Voltage, V
REF ..................... 3 V
Sense Voltage (dc), V
S ................ 500 mV
Package Power Dissipation,
P
D .......................................... 3.1 W
Operating Temperature Range,
T
A .......................... -20°C to +85°C
Junction Temperature, T
J ............. +150°C
Storage Temperature Range,
T
S ......................... -55°C to +150°C
Output current rating may be limited by duty
cycle, ambient temperature, and heat sinking.
Under any set of conditions, do not exceed the
specified current rating or a junction tempera-
ture of 150
°C.
Always order by complete part number: A3972SB .


Similar Part No. - 3972

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
3972 ADAFRUIT-3972 Datasheet
285Kb / 1P
USB Micro B Male Plug to 5-pin Terminal Block
More results

Similar Description - 3972

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3973 ALLEGRO-3973 Datasheet
201Kb / 12P
DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER
December 1, 2000
A3992 ALLEGRO-A3992 Datasheet
477Kb / 13P
DMOS Dual Full-Bridge Microstepping PWM Motor Driver
logo
Shindengen Electric Mfg...
MTD2017F SHINDENGEN-MTD2017F Datasheet
91Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
MTD2017G SHINDENGEN-MTD2017G Datasheet
120Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
MTD2018G SHINDENGEN-MTD2018G Datasheet
120Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
logo
Allegro MicroSystems
A3972 ALLEGRO-A3972 Datasheet
312Kb / 10P
Dual DMOS Full-Bridge Microstepping PWM Motor Driver
A3992 ALLEGRO-A3992_13 Datasheet
549Kb / 13P
DMOS Dual Full-Bridge Microstepping PWM Motor Driver
A3973SLB-T ALLEGRO-A3973SLB-T Datasheet
364Kb / 10P
Dual DMOS Full-Bridge Microstepping PWM Motor Driver
A3972SB-T ALLEGRO-A3972SB-T Datasheet
282Kb / 11P
Dual DMOS Full-Bridge Microstepping PWM Motor Driver
A3973 ALLEGRO-A3973 Datasheet
364Kb / 10P
Dual DMOS Full-Bridge Microstepping PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com