Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5713 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 5713
Description  DUAL PERIPHERAL AND POWER DRIVER TRANSIENT PROTECTED OUTPUTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5713 Datasheet(HTML) 2 Page - Allegro MicroSystems

  5713 Datasheet HTML 1Page - Allegro MicroSystems 5713 Datasheet HTML 2Page - Allegro MicroSystems 5713 Datasheet HTML 3Page - Allegro MicroSystems 5713 Datasheet HTML 4Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5713
DUAL PERIPHERAL AND POWER DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Min.
Nom.
Max.
Units
Supply Voltage (VCC)
4.75
5.0
5.25
V
Operating Temperature Range
0
+25
+85
°C
Current into any output (ON state)
—
—
300
mA
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS over operating temperature range
(unless otherwise noted).
Test Conditions
Limits
Driven
Other
Characteristic
Symbol
Temp.
VCC
Input
Input
Output
Min.
Typ.
Max.
Units
Notes
“1” Input Voltage
VIN(1)
—
MIN
—
—
—
2.0
—
—
V
—
“0” Input Voltage
VIN(0)
—
MIN
—
—
—
—
—
0.8
V
—
“0” Input Current at all
Inputs except Strobe
IIN(0)
—
MAX
0.4 V
30 V
—
—
-50
-100
µA
2
“0” Input Current at Strobe
IIN(0)
—
MAX
0.4 V
30 V
—
—
-100
-200
µA—
“1” Input Current at all
Inputs except Strobe
IIN(1)
—
MAX
30 V
0 V
—
—
—
10
µA
2
“1” Input Current at Strobe
IIN(1)
—
MAX
30 V
0 V
—
—
—
20
µA—
Input Clamp Voltage
VIK
—
MIN
-12 mA
—
—
—
—
-1.5
V
—
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Notes
Turn-on Delay Time
tpd0
VS = 70 V, RL = 465 Ω (10 Watts),
—
200
500
ns
3
CL = 15 pF
Turn-off Delay Time
tpd1
VS = 70 V, RL = 465 Ω (10 Watts),
—
300
750
ns
3
CL = 15 pF
SWITCHING CHARACTERISTICS at VCC = 5.0 V, TA = 25°C
NOTES: 1. Typical values are at VCC = 5.0 V, TA = 25°C.
2. Each input tested separately.
3. Voltage values shown in the test circuit waveforms are with respect to network ground terminal.
4. Capacitance values specified include probe and test fixture capacitance.
INPUT PULSE CHARACTERISTICS
VIN(0) = 0 V
tf = 7 ns
tp = 1 µs
VIN(1) = 3.5 V
tr = 14 ns
PRR = 500 kHz
W
Copyright © 1976, 1997, Allegro MicroSystems, Inc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com