Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5713 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 5713
Description  DUAL PERIPHERAL AND POWER DRIVER TRANSIENT PROTECTED OUTPUTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5713 Datasheet(HTML) 3 Page - Allegro MicroSystems

  5713 Datasheet HTML 1Page - Allegro MicroSystems 5713 Datasheet HTML 2Page - Allegro MicroSystems 5713 Datasheet HTML 3Page - Allegro MicroSystems 5713 Datasheet HTML 4Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5713
DUAL PERIPHERAL AND POWER DRIVER
ELECTRICAL CHARACTERISTICS over operating temperature range
(unless otherwise noted).
Test Conditions
Limits
Driven
Other
Characteristic
Symbol
Temp.
VCC
Input
Input
Output
Min.
Typ.
Max.
Units
Notes
“1” Output Reverse Current
lOFF
—
MIN
2.0 V
0 V
80 V
—
—
100
µA—
—
OPEN
2.0 V
0 V
80 V
—
—
100
µA—
“0” Output Voltage
VON
—
MIN
0.8 V
0.8 V
150 mA
—
0.35
0.5
V
—
—
MIN
0.8 V
0.8 V
300 mA
—
0.5
0.7
V
—
Diode Leakage Current
ILK
NOM
NOM
0 V
0 V
OPEN
—
—
200
µA3
Diode Forward Voltage Drop
VD
NOM
NOM
VCC
VCC
—
—
1.5
1.75
V
4
“1” Level Supply Current
lCC(1)
NOM
MAX
5.0 V
5.0 V
—
—
8.0
13
mA
1, 2
“0” Level Supply Current
lCC(0)
NOM
MAX
0 V
0 V
—
—
36
50
mA
1, 2
NOTES: 1. Typical values are at VCC = 5.0 V, TA = 25°C.
2. Per package.
3. Diode leakage current measured at VR = 80 V.
4. Diode forward voltage drop measured at IF = 300 mA.
5. Capacitance values specified include probe and test fixture capacitance.
Dwg. No. A-9123A
Dwg. No. A-7628C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com