Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD526CD Datasheet(PDF) 6 Page - Analog Devices

Part # AD526CD
Description  Software Programmable Gain Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD526CD Datasheet(HTML) 6 Page - Analog Devices

Back Button AD526CD Datasheet HTML 2Page - Analog Devices AD526CD Datasheet HTML 3Page - Analog Devices AD526CD Datasheet HTML 4Page - Analog Devices AD526CD Datasheet HTML 5Page - Analog Devices AD526CD Datasheet HTML 6Page - Analog Devices AD526CD Datasheet HTML 7Page - Analog Devices AD526CD Datasheet HTML 8Page - Analog Devices AD526CD Datasheet HTML 9Page - Analog Devices AD526CD Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AD526
REV. D
–6–
*For Settling Time Traces, 0.01% = 1/2 Vertical Division
**Scope Traces are: Top: Output Transition; Middle: Output Settling; Bottom: Digital Input.
Figure 19. Large Signal Pulse
Response and Settling Time,* G = 8
Figure 22. Small Signal Pulse
Response, Gain = 16
FREQUENCY – Hz
100
1
10k
10M
10
100k
1M
G = 4, 16
G = 1
G = 2, 8
Figure 25. Output Impedance vs.
Frequency
Figure 20. Small Signal Pulse
Response, G = 8
FREQUENCY – Hz
–60
10
–70
–80
–90
–100
100
1k
10k
100k
Figure 23. Total Harmonic Distortion
vs. Frequency Gain = 16
Figure 26. Gain Change Settling
Time,** Gain Change: 1 to 2
Figure 21. Large Signal Pulse
Response and Settling Time,* G = 16
FREQUENCY – Hz
10
10
5
0
–5
–10
100
1k
10k
100k
Figure 24. Phase Distortion vs.
Frequency, Gain = 16
Figure 27. Gain Change Settling
Time,** Gain Change 1 to 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com