Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD526CD Datasheet(PDF) 2 Page - Analog Devices

Part # AD526CD
Description  Software Programmable Gain Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD526CD Datasheet(HTML) 2 Page - Analog Devices

  AD526CD Datasheet HTML 1Page - Analog Devices AD526CD Datasheet HTML 2Page - Analog Devices AD526CD Datasheet HTML 3Page - Analog Devices AD526CD Datasheet HTML 4Page - Analog Devices AD526CD Datasheet HTML 5Page - Analog Devices AD526CD Datasheet HTML 6Page - Analog Devices AD526CD Datasheet HTML 7Page - Analog Devices AD526CD Datasheet HTML 8Page - Analog Devices AD526CD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AD526J
AD526A
AD526B/S
AD526C
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
GAIN
Gain Range
(Digitally Programmable)
1, 2, 4, 8, 16
1, 2, 4, 8, 16
1, 2, 4, 8, 16
1, 2, 4, 8, 16
Gain Error
Gain = 1
0.05
0.02
0.01
0.01
%
Gain = 2
0.05
0.03
0.02
0.01
%
Gain = 4
0.10
0.03
0.02
0.01
%
Gain = 8
0.15
0.07
0.04
0.02
%
Gain = 16
0.15
0.07
0.04
0.02
%
Gain Error Drift
Over Temperature
G = 1
0.5
2.0
0.5
2.0
0.5
2.0
0.5
2.0
ppm/
°C
G = 2
0.5
2.0
0.5
2.0
0.5
2.0
0.5
2.0
ppm/
°C
G = 4
0.5
3.0
0.5
3.0
0.5
3.0
0.5
3.0
ppm/
°C
G = 8
0.5
5.0
0.5
5.0
0.5
5.0
0.5
5.0
ppm/
°C
G = 16
1.0
5.0
1.0
5.0
1.0
5.0
1.0
5.0
ppm/
°C
Gain Error (TMIN to TMAX)
Gain = 1
0.06
0.03
0.02
0.015
%
Gain = 2
0.06
0.04
0.03
0.015
%
Gain = 4
0.12
0.04
0.03
0.015
%
Gain = 8
0.17
0.08
0.05
0.03
%
Gain = 16
0.17
0.08
0.05
0.03
%
Nonlinearity
Gain = 1
0.005
0.005
0.005
0.0035 % FSR
Gain = 2
0.001
0.001
0.001
0.001
% FSR
Gain = 4
0.001
0.001
0.001
0.001
% FSR
Gain = 8
0.001
0.001
0.001
0.001
% FSR
Gain = 16
0.001
0.001
0.001
0.001
% FSR
Nonlinearity (TMIN to TMAX)
Gain = 1
0.01
0.01
0.01
0.007
% FSR
Gain = 2
0.001
0.001
0.001
0.001
% FSR
Gain = 4
0.001
0.001
0.001
0.001
% FSR
Gain = 8
0.001
0.001
0.001
0.001
% FSR
Gain = 16
0.001
0.001
0.001
0.001
% FSR
VOLTAGE OFFSET, ALL GAINS
Input Offset Voltage
0.4
1.5
0.25
0.7
0.25
0.5
0.25
0.5
mV
Input Offset Voltage Drift Over
Temperature
5
20
3
10
3
10
3
10
µV/°C
Input Offset Voltage
TMIN to TMAX
2.0
1.0
0.8
0.8
mV
Input Offset Voltage vs. Supply
(VS ± 10%)
80
80
84
90
dB
INPUT BIAS CURRENT
Over Input Voltage Range
± 10 V
50
150
50
150
50
150
50
150
pA
ANALOG INPUT
CHARACTERISTICS
Voltage Range
(Linear Operation)
10
±12
10
±12
10
±12
10
±12
V
Capacitance
5555
pF
RATED OUTPUT
Voltage
10
±12
10
±12
10
±12
10
±12
V
Current (VOUT = ± 10 V)
±10
5
±10
5
±10
5
±10
mA
Short-Circuit Current
15
30
15
30
15
30
15
30
mA
DC Output Resistance
0.002
0.002
0.002
0.002
Ω
Load Capacitance
(For Stable Operation)
700
700
700
700
pF
AD526–SPECIFICATIONS (@ V
S =
15 V, RL = 2 k
and TA = +25 C unless otherwise noted)
REV. D
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com